| データシートサーチシステム |
|
TSL2583 データシート(PDF) 18 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TSL2583 データシート(HTML) 18 Page - ams AG |
|
18 / 33 page ![]() TSL2581, TSL2583 LIGHT-TO-DIGITAL CONVERTER TAOS134A − JULY 2012 17 The LUMENOLOGY r Company r r Copyright E 2012, TAOS Inc. www.taosinc.com APPLICATION INFORMATION: SOFTWARE Basic Operation After applying VDD, the device will initially be in the power-down state. To operate the device, issue a command to access the CONTROL register followed by the data value 01h to the CONTROL register to power up the device. The TIMING register should be configured for the preferred integration period, and then the ADC_EN should be set to 1 to enable both ADC channels. For example code that illustrates initializing and reading the device, see TAOS Designer’s Notebook Number 42: TSL258x: Accurate ADC Readings after Enable. (ADC_EN = 1 Power =1) EXT PWR POWER DOWN NO YES ACTIVE (ADC_EN = 0 Power = 1) ALS (Power = 0) Figure 6. State Diagram |