| データシートサーチシステム |
|
HSCDLND030PASA3 データシート(PDF) 7 Page - Honeywell Accelerometers |
|
|
|||||||||||||||||||||||||||||
HSCDLND030PASA3 データシート(HTML) 7 Page - Honeywell Accelerometers |
|
7 / 12 page ![]() Honeywell Sensing and Control 7 Figure 4. DIP Pressure Port Dimensional Drawings (For reference only: mm [in]) DIP NN: No ports 13,35 [0.525] 10,0 [0.39] 6,99 [0.275] 1 2 3 4 8 7 6 5 10,85 [0.427] 9,24 [0.364] 5,44 [0.214] 2,54 TYP. [0.100] 8X 0,46 [0.018] 0,25 [0.010] PORT 1 PORT 2 DIP AN: Single axial barbed port 1 2 3 4 10,0 [0.39] 13,35 [0.525] PORT 1 8 7 6 5 6,2 [0.24] 2,54 TYP. [0.100] 9,24 [0.364] 11,21 [0.441] 7,95 [0.313] 13,75 [0.541] 4,93 DIA. [0.194] PORT 2 6,99 [0.275] 8X 0,46 [0.018] 0,25 [0.010] DIP LN: Single axial barbless port PORT 1 PORT 2 10,0 [0.39] 13,35 [0.525] 6,99 [0.275] 2,54 TYP. [0.100] 6,95 [0.274] 1,00 [0.039] 9,24 [0.364] 11,21 [0.441] 13,75 [0.541] 5,80 [0.228] 1 2 3 4 8 7 6 5 8X 0,46 [0.018] 0,25 [0.010] 2,47 DIA. [0.097] DIP RN: Single radial barbed port PORT 1 13,35 [0.525] 10,0 [0.39] 6,99 [0.275] 1 2 3 4 8 7 6 5 11,21 [0.441] 9,24 [0.364] 5,80 [0.228] 2,54 TYP. [0.100] 8X 0,46 [0.018] 0,25 [0.010] 1,93 DIA. [0.076] 4,2 [0.17] PORT 2 DIP RR: Dual radial barbed ports, same side 8X 0,46 [0.018] 13,35 [0.525] 10,0 [0.39] 6,99 [0.275] 1 2 3 4 8 7 6 5 6,16 [0.242] 2,54 TYP. [0.100] 11,21 [0.441] 9,24 [0.364] 2X 1,93 DIA. [0.076] 4,65 [0.183] ,25 [0.010] PORT 1 PORT 2 PORT 1 PORT 2 4,0 [0.16] 3,78 [0.149] DIP DR: Dual radial barbed ports, opposite sides 10,0 [0.39] 13,35 [0.525] PORT 1 PORT 2 1 2 3 4 8 7 6 5 6,16 [0.242] 9,24 [0.364] 2,54 TYP. [0.100] 15,76 [0.620] 11,21 [0.441] 2X 1,93 DIA. [0.076] 6,99 [0.275] 8X 0,46 [0.018] 0,25 [0.010] PORT 1 PORT 2 3,78 [0.149] |