| データシートサーチシステム |
|
AT45DB080 データシート(PDF) 13 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB080 データシート(HTML) 13 Page - ATMEL Corporation |
|
13 / 18 page ![]() AT45DB080 13 Table 1. Main Memory Page Read Buffer 1 Read Buffer 2 Read Main Memory Page to Buffer 1 Transfer Main Memory Page to Buffer 2 Transfer Main Memory Page to Buffer 1 Compare Main Memory Page to Buffer 2 Compare Buffer 1 Write Buffer 2 Write Opcode CLK I/O 52H 54H 56H 53H 55H 60H 61H 84H 87H 1 7 0 00 0 0 0 0 11 6 1 11 1 1 1 1 00 5 0 00 0 0 1 1 00 4 1 11 1 1 0 0 00 3 0 00 0 0 0 0 00 2 0 11 0 1 0 0 11 1 1 01 1 0 0 0 01 0 0 00 1 1 0 1 01 2 7 r X X rr rr X X 6 r X X rr rr X X 5 r X X rr rr X X 4 PA11 X X PA11 PA11 PA11 PA11 X X 3 PA10 X X PA10 PA10 PA10 PA10 X X 2 PA9 X X PA9 PA9 PA9 PA9 X X 1 PA8 X X PA8 PA8 PA8 PA8 X X 0 PA7 X X PA7 PA7 PA7 PA7 X X 3 7 PA6 X X PA6 PA6 PA6 PA6 X X 6 PA5 X X PA5 PA5 PA5 PA5 X X 5 PA4 X X PA4 PA4 PA4 PA4 X X 4 PA3 X X PA3 PA3 PA3 PA3 X X 3 PA2 X X PA2 PA2 PA2 PA2 X X 2 PA1 X X PA1 PA1 PA1 PA1 X X 1 PA0 X X PA0 PA0 PA0 PA0 X X 0 BA8 BFA8 BFA8 X X X X BFA8 BFA8 4 7 BA7 BFA7 BFA7 X X X X BFA7 BFA7 6 BA6 BFA6 BFA6 X X X X BFA6 BFA6 5 BA5 BFA5 BFA5 X X X X BFA5 BFA5 4 BA4 BFA4 BFA4 X X X X BFA4 BFA4 3 BA3 BFA3 BFA3 X X X X BFA3 BFA3 2 BA2 BFA2 BFA2 X X X X BFA2 BFA2 1 BA1 BFA1 BFA1 X X X X BFA1 BFA1 0 BA0 BFA0 BFA0 X X X X BFA0 BFA0 5 7X X X 6X X X 5X X X 4X X X 3X X X 2X X X 1X X X 0X X X • • • • • • 64 7X 6X 5X 4X 3X 2X 1X 0X X (Don’t Care) r (reserved bits) |