データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT45 データシート(PDF) 14 Page - ATMEL Corporation

部品番号 AT45
部品情報  4-Megabit 5-volt Only Serial DataFlash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45 データシート(HTML) 14 Page - ATMEL Corporation

Back Button AT45 Datasheet HTML 8Page - ATMEL Corporation AT45 Datasheet HTML 9Page - ATMEL Corporation AT45 Datasheet HTML 10Page - ATMEL Corporation AT45 Datasheet HTML 11Page - ATMEL Corporation AT45 Datasheet HTML 12Page - ATMEL Corporation AT45 Datasheet HTML 13Page - ATMEL Corporation AT45 Datasheet HTML 14Page - ATMEL Corporation AT45 Datasheet HTML 15Page - ATMEL Corporation AT45 Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AT45D041
14
Algorithm for Programming or Reprogramming of the Entire Array Sequentially
START
MAIN MEMORY PAGE PROGRAM
(82H, 85H)
END
provide address
and data
BUFFER WRITE
(84H, 87H)
BUFFER to MAIN
MEMORY PAGE PROGRAM
(83H, 86H)
Figure 1
Notes:
1.
This type of algorithm is used for applications in which the entire array is programmed sequentially, filling the array
page-by-page.
2.
A page can be written using either a Main Memory Page Program operation or a Buffer Write operation followed by a
Buffer to Main Memory Page Program operation.
3.
The algorithm above shows the programming of a single page. The algorithm will be repeated sequentially for each
page within the entire array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16