| データシートサーチシステム |
|
AT45DB080-TC データシート(PDF) 14 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB080-TC データシート(HTML) 14 Page - ATMEL Corporation |
|
14 / 18 page ![]() AT45DB080 14 Table 2. Buffer 1 to Main Memory Page Program with Built- In Erase Buffer 2 to Main Memory Page Program with Built- In Erase Buffer 1 to Main Memory Page Program without Built-In Erase Buffer 2 to Main Memory Page Program without Built-In Erase Main Memory Page Program Through Buffer 1 Main Memory Page Program Through Buffer 2 Auto Page Rewrite Through Buffer 1 Auto Page Rewrite Through Buffer 2 Status Register Opcode CLK I/O 83H 86H 88H 89H 82H 85H 58H 59H 57H 1 7 1 11 11 1 0 0 0 6 0 00 00 0 1 1 1 5 0 00 00 0 0 0 0 4 0 00 00 0 1 1 1 3 0 01 10 0 1 1 0 2 0 10 00 1 0 0 1 1 1 10 01 0 0 0 1 0 1 00 10 1 0 1 1 2 7 r rr rrr rr 6 r rr rrr rr 5 r rr rrr rr 4 PA11PA11 PA11PA11PA11PA11 PA11PA11 3 PA10PA10 PA10PA10PA10PA10 PA10PA10 2 PA9 PA9 PA9 PA9 PA9 PA9 PA9 PA9 1 PA8 PA8 PA8 PA8 PA8 PA8 PA8 PA8 0 PA7 PA7 PA7 PA7 PA7 PA7 PA7 PA7 3 7 PA6 PA6 PA6 PA6 PA6 PA6 PA6 PA6 6 PA5 PA5 PA5 PA5 PA5 PA5 PA5 PA5 5 PA4 PA4 PA4 PA4 PA4 PA4 PA4 PA4 4 PA3 PA3 PA3 PA3 PA3 PA3 PA3 PA3 3 PA2 PA2 PA2 PA2 PA2 PA2 PA2 PA2 2 PA1 PA1 PA1 PA1 PA1 PA1 PA1 PA1 1 PA0 PA0 PA0 PA0 PA0 PA0 PA0 PA0 0 X XXX BA8 BA8 XX 4 7 X XXX BA7 BA7 XX 6 X XXX BA6 BA6 XX 5 X XXX BA5 BA5 XX 4 X XXX BA4 BA4 XX 3 X XXX BA3 BA3 XX 2 X XXX BA2 BA2 XX 1 X XXX BA1 BA1 XX 0 X XXX BA0 BA0 XX |