データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8563TF4 データシート(PDF) 43 Page - NXP Semiconductors

部品番号 PCF8563TF4
部品情報  Real-time clock/calendar
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563TF4 データシート(HTML) 43 Page - NXP Semiconductors

Back Button PCF8563TF4 Datasheet HTML 39Page - NXP Semiconductors PCF8563TF4 Datasheet HTML 40Page - NXP Semiconductors PCF8563TF4 Datasheet HTML 41Page - NXP Semiconductors PCF8563TF4 Datasheet HTML 42Page - NXP Semiconductors PCF8563TF4 Datasheet HTML 43Page - NXP Semiconductors PCF8563TF4 Datasheet HTML 44Page - NXP Semiconductors PCF8563TF4 Datasheet HTML 45Page - NXP Semiconductors PCF8563TF4 Datasheet HTML 46Page - NXP Semiconductors PCF8563TF4 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 3 April 2012
43 of 50
NXP Semiconductors
PCF8563
Real-time clock/calendar
For further information on temperature profiles, refer to Application Note AN10365
“Surface mount reflow soldering description”.
18. Abbreviations
MSL: Moisture Sensitivity Level
Fig 34. Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature
Table 33.
Abbreviations
Acronym
Description
BCD
Binary Coded Decimal
CDM
Charged-Device Model
CMOS
Complementary Metal Oxide Semiconductor
ESD
ElectroStatic Discharge
HBM
Human Body Model
I2C
Inter-Integrated Circuit
IC
Integrated Circuit
LSB
Least Significant Bit
MSB
Most Significant Bit
MSL
Moisture Sensitivity Level
PCB
Printed-Circuit Board
POR
Power-On Reset
RTC
Real-Time Clock
SCL
Serial CLock line
SDA
Serial DAta line
SMD
Surface Mount Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50