| データシートサーチシステム |
|
FSM6J データシート(PDF) 7 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
FSM6J データシート(HTML) 7 Page - Tyco Electronics |
|
7 / 8 page ![]() E9 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 E FSMSM/JM Series Tactile Switches, .138 [3.5] x .236 [6], Surface Mount .138 (3.50) .236 (6.0) SEE DETAIL A .060 (1.52) .118 (2.99) .169 (4.30) .138 (3.50) .039 (0.99) .276 (7.0) .083 (2.1) .448 (11.4) .063 (1.6) .004 ±.002 (.102-.005) METRIC 2 Pl. (.10) ±.05 .060/.040 (1.52/1.01) .012 (0.30) 2X .050 (1.27) .045 (1.14) 2X .050 (1.27) 2X R..010 (0.25) 4X DETAIL A SUGGESTED FOOTPRINT PATTERN FSMSM MATERIAL SPECIFICATIONS: Contacts ..................................Stainless steel, silver clad plate Case Material ..........................FSMSM: PPS Actuator Material ....................FSMSM: Nylon FSMJM: PPS Terminals ................................Copper alloy, silver plate or tin plate Cover........................................Stainless steel ENVIRONMENTAL SPECIFICATIONS: Operating Temperature............-40°F to +185°F (-40°C to +85°C) Storage Temperature................-40°F to +185°F (-40°C to +85°C) Solder Heat Resistance ............FSMSM IR Soldering EIA-364-56, Procedure 5 Level 1, 215° C FSMJM IR Soldering per EIA 364-56 Procedure 5, level 2, 464°F (240°C) TYPICAL PERFORMANCE CHARACTERISTICS: Contact Rating ........................50 mA @ 12 VDC Initial Contact Resistance ........100 Milliohms max. Insulation Resistance ..............100 Megohms min. @ 500 VDC Dielectric Strength ..................500 VAC for 1 minute Actuator Travel.........................010"(.254) Life Expectancy ......................20,000-40,000 Cycles 3.5 x 6.0 mm 3.5 x 6.0 mm .236 (6.00) .161 (4.10) Max. .016 (0.40) Max. .004 (0.10) Max. .002 (0.05) Max. .118 (3.00) .039 (1.00) .299 (7.60) .079 (2.00) .087 (2.20) .083 (2.10) .268 (6.80) .138 (3.50) .039 (1.00) .138 (3.50) Dim. A Tyco Alcoswitch Type Dim. A Actuation Force Packaging Life Electronics Cycle 147873-1 FSMJM5.0ATR SPST .197 (5.00) 180±50 Reel 40,000 147873-2 FSMJM4.3ATR SPST .169 (4.30) 180±50 Reel 40,000 147873-3 FSMJM3.5ATR SPST .138 (3.50) 180±50 Reel 40,000 147942-1 FSMJM4.3 SPST .169 (4.30) 130±50 Bulk 40,000 147942-2 FSMJM4.3TR SPST .169 (4.30) 130±50 Reel 40,000 Tyco Alcoswitch Type Packaging Actuation Force Life Electronics Cycle 1437566-3 FSMSM SPST Off (On) Bulk 180±50 20,000 1437566-4 FSMSMTR Reel 180±50 20,000 (On) indicates momentary position. |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |