データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP3985 データシート(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
部品番号 LP3985
部品情報  LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LP3985 データシート(HTML) 23 Page - Texas Instruments

Back Button LP3985 Datasheet HTML 19Page - Texas Instruments LP3985 Datasheet HTML 20Page - Texas Instruments LP3985 Datasheet HTML 21Page - Texas Instruments LP3985 Datasheet HTML 22Page - Texas Instruments LP3985 Datasheet HTML 23Page - Texas Instruments LP3985 Datasheet HTML 24Page - Texas Instruments LP3985 Datasheet HTML 25Page - Texas Instruments LP3985 Datasheet HTML 26Page - Texas Instruments LP3985 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP3985IM5X-3.0
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3985IM5X-3.0/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3985IM5X-3.3
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3985IM5X-3.3/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3985IM5X-4.7/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3985IM5X-5.0/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP3985ITL-2.5/NOPB
DSBGA
YZR
5
250
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITL-2.6/NOPB
DSBGA
YZR
5
250
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITL-2.7/NOPB
DSBGA
YZR
5
250
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITL-2.8/NOPB
DSBGA
YZR
5
250
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITL-2.9/NOPB
DSBGA
YZR
5
250
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITL-285/NOPB
DSBGA
YZR
5
250
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITL-3.0/NOPB
DSBGA
YZR
5
250
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITL-3.1/NOPB
DSBGA
YZR
5
250
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITL-3.2/NOPB
DSBGA
YZR
5
250
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITL-3.3/NOPB
DSBGA
YZR
5
250
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITL-4.75/NOPB
DSBGA
YZR
5
250
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITL-4.8/NOPB
DSBGA
YZR
5
250
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITL-5.0/NOPB
DSBGA
YZR
5
250
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITLX-2.5/NOPB
DSBGA
YZR
5
3000
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITLX-2.6/NOPB
DSBGA
YZR
5
3000
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITLX-2.7/NOPB
DSBGA
YZR
5
3000
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITLX-2.8/NOPB
DSBGA
YZR
5
3000
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITLX-2.9/NOPB
DSBGA
YZR
5
3000
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITLX-285/NOPB
DSBGA
YZR
5
3000
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITLX-3.0/NOPB
DSBGA
YZR
5
3000
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITLX-3.1/NOPB
DSBGA
YZR
5
3000
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITLX-3.2/NOPB
DSBGA
YZR
5
3000
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITLX-3.3/NOPB
DSBGA
YZR
5
3000
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITLX-4.75/NOPB
DSBGA
YZR
5
3000
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITLX-4.8/NOPB
DSBGA
YZR
5
3000
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
LP3985ITLX-5.0/NOPB
DSBGA
YZR
5
3000
178.0
8.4
1.09
1.55
0.76
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29