| データシートサーチシステム |
|
MICRF620Z データシート(PDF) 6 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MICRF620Z データシート(HTML) 6 Page - Micrel Semiconductor |
|
6 / 21 page ![]() Micrel, Inc. MICRF620/MICRF620Z July 2006 6 M9999-120205 Parameter Condition Min Typ Max Units Receive Section All functions on 12 mA LNA bypass 10.3 mA Switch cap filter bypass with LNA 9.6 mA Rx Current Consumption Bypass of Switch cap and LNA mA Rx Current Consumption Variation Over temperature 3 mA 2.4 kbps, β = 16, SC=50 kHz -110 dBm 4.8 kbps, β = 16, SC=50 kHz -109 dBm 4.8 kbps, β = 4, SC=31 kHz -108 dBm 19.2 kbps, β =8, SC=200 kHz -107 dBm Receiver Sensitivity (BER < 10^-3) 19.2 kbps, β =2, SC=67 kHz -105 dBm Receiver Maximum Input Power 19.2 kbps, β = 8 +10 dBm Over temperature 3 dB Receiver Sensitivity Tolerance Over power supply range 1 dB Receiver Bandwidth 50 350 kHz Co-Channel Rejection 19.2 kbps, β = 6, SC=133 kHz -8 dB 200 kHz spacing 500 kHz spacing Adjacent Channel Rejection 1 MHz spacing Offset ±1MHz 61 dB Offset ±2MHz 58 dB Offset ±5MHz 46 dB Offset ±10MHz 62 dB Blocking Desired signal: 19.2 kbps, β =6, 3dB above sens, SC=133 kHz Offset ±30MHz 75 dB 1dB Compression -35 dB Input IP3 2 tones with 1MHz separation -25 dBm Input IP2 dBm LO Leakage -90 dBm Spurious Emission < 1GHz -57 dBm Spurious Emission > 1GHz ETSI 300-220 -47 dBm Input Impedance 37+j18 Ω RSSI Dynamic Range 50 dB Pin = -100 dBm 0.9 V RSSI Output Range Pin = -60 dBm 1.9 V Digital Inputs/Outputs Logic Input High 0.7VDD VDD V Logic Input Low 0 0.3VDD V Clock/Data Frequency(4) 10 MHz Clock/Data Duty Cycle(4) 45 55 % Notes : 1. Exceeding the absolute maximum rating may damage the device. 2. The device is not guaranteed to function outside its operating rating. 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. 4. Guaranteed by design. |