| データシートサーチシステム |
|
EEUFC0J152S データシート(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EEUFC0J152S データシート(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 10 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ FC – EEE-63 – 010 0d±0.05 Sleeve 14 min. 3 min. L ( 08 15, 016 15, 018 15 : L±1.5) Pressure relief 06.3 But exclude 7 mm height L 16 : L±1.0 L 20 : L±2.0 + – 04 to 08 0D±0.5 0D±0.5 ■ Features ● Endurance : 105 °C 1000 h to 5000 h ● Low impedance ● RoHS directive compliant Radial Lead Type Series: FC Type: A ■ Specifications Category Temp. Range –55 °C to +105 °C Rated W.V. Range 6.3 V.DC to 100 V.DC Nominal Cap. Range 2.2 μF to 15000 μF Capacitance Tolerance ±20 % (120 Hz/+20 °C) DC Leakage Current I < 0.01 CV or 3 (μA) After 2 minutes (Whichever is greater) tan d W.V. (V) 6.3 10 16 25 35 50 63 100 (120 Hz/+20 °C) tan d 0.22 0.19 0.16 0.14 0.12 0.10 0.08 0.07 For capacitance value > 1000 μF, add 0.02 per every 1000 μF. Endurance After following life test with DC voltage and +105 °C±2 °C ripple current value applied (The sum of DC and ripple peak voltage shall not exceed the rated working voltage) when the capacitors are restored to 20 °C, the capacitors shall meet the limits specified bellow. Duration : 04 to 06.3: 1000 hours, 08: 2000 hours , 010: 3000 hours , 012.5 to 018: 5000 hours Capacitance change ±20 % of initial measured value tan d < 200 % of initial specified value DC leakage current < initial specified value Shelf Life After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment) W.V.(V.DC) Cap (μF) Frequency (Hz) 60 120 1 k 10 k 100 k 6.3 to 100 2.2 to 330 0.55 0.65 0.85 0.90 1.00 390 to 1000 0.70 0.75 0.90 0.95 1.00 1200 to 2200 0.75 0.80 0.90 0.95 1.00 2700 to 15000 0.80 0.85 0.95 1.00 1.00 ■ Frequency correction factor for ripple current L >11 L=7 Body Dia. 0D 4 5 6.3 8 10 12.5 16 18 4 5 6.3 Body Length L 15 to 25 30 to 40 Lead Dia. 0d 0.45 0.5 0.5 0.6 0.6 0.6 0.8 0.8 0.8 0.45 0.45 0.45 Lead space F 1.5 2.0 2.5 3.5 5.0 5.0 5.0 7.5 7.5 1.5 2.0 2.5 ■ Dimensions in mm (not to scale) (Unit : mm) 02 Dec. 2013 |
同様の部品番号 - EEUFC0J152S |
|
同様の説明 - EEUFC0J152S |