データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC5601PEF0VLL4R データシート(PDF) 4 Page - Freescale Semiconductor, Inc

部品番号 SPC5601PEF0VLL4R
部品情報  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0VLL4R データシート(HTML) 4 Page - Freescale Semiconductor, Inc

  SPC5601PEF0VLL4R Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
4
1.4
Block diagram
Figure 1 shows a top-level block diagram of the MPC5602P MCU. Table 2 summarizes the functions of the blocks.
FlexPWM (pulse-width modulation) channels
No
8
(capture capability not
supported)
Analog-to-digital converter (ADC)
1 (10-bit, 16 channels)
LINFlex
1
(1 × Master/Slave)
2
(1 × Master/Slave,
1 × Master only)
DSPI (deserial serial peripheral interface)
1
3
CRC (cyclic redundancy check) unit
Yes
Junction temperature sensor
No
JTAG controller
Yes
Nexus port controller (NPC)
Yes (Nexus L1+)
Supply
Digital power supply
3.3 V or 5 V single supply with external transistor
Analog power supply
3.3 V or 5 V
Internal RC oscillator
16 MHz
External crystal oscillator
4–40 MHz
Packages
64 LQFP
100 LQFP
Temperature
Standard ambient temperature
–40 to 125 °C
1 Each FlexCAN module has 32 message buffers.
2 One FlexCAN module can act as a safety port with a bit rate as high as 8 Mbit/s at 64 MHz.
Table 1. MPC5602P device comparison (continued)
Feature
MPC5601P
MPC5602P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95