| データシートサーチシステム |
|
AT6002-2AC データシート(PDF) 12 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT6002-2AC データシート(HTML) 12 Page - ATMEL Corporation |
|
12 / 28 page ![]() AT6000(LV) Series 12 Notes: 1. PWR = Pins connected to power plane = F1, E4/E5, L2, R4, K15, L12, E14, A12. 2. GND = Pins connected to ground plane = L4, M4, N9, N10, E12, D12, C7, C6. I/O9(B) I/O11(B) I/O10(A) I/O21(A) - - 39 24 J3 33 37 - - - I/O20(B) - - - - - 34 38 I/O8(A) or D4 I/O10(A) or D4 I/O9(A) or D4 I/O19(A) or D4 27 18 40 25 K3 35 39 I/O7(B) I/O9(B) I/O8(A) I/O18(A) - 19 41 26 L3 36 40 --- I/O17(A) - - - - M3 37 41 - - - I/O16(B) - - - - - - 42 I/O6(A) or D3 I/O8(A) or D3 I/O7(A) or D3 I/O15(A) or D3 28 20 42 27 N3 38 43 - I/O7(B) I/O6(A) I/O14(A) - - 43 28 J2 39 44 --- I/O13(A) - - - - K2 40 45 GND GND GND GND - - 44 29 GND (2) 41 46 --- VSS - - - - GND (2) 42 47 - - - I/O12(B) - - - - - - 48 I/O5(A) or D2 I/O6(A) or D2 I/O5(A) or D2 I/O11(A) or D2 29 21 45 30 M2 43 49 I/O4(B) I/O5(B) I/O4(A) I/O10(A) - 22 46 31 N2 44 50 --- I/O9(A) - - - - P2 45 51 --- I/O8(B) - - - - - - 52 I/O3(A) or D1 I/O4(A) or D1 I/O3(A) or D1 I/O7(A) or D1 30 23 47 32 J1 46 53 I/O2(B) I/O3(A) I/O2(A) I/O6(A) - - 48 33 K1 47 54 --- I/O5(A) - - - - L1 48 55 --- I/O4(B) - - - - - - 56 - I/O2(B) - I/O3(A) - - - 34 M1 49 57 I/O1(A) or D0 I/O1(A) or D0 I/O1(A) or D0 I/O2(A) or D0 31 24 49 35 N1 50 58 --- I/O1(A) - - - - P1 51 59 CCLK CCLK CCLK CCLK 32 25 50 36 R1 52 60 Pinout Assignment (Continued) Left Side (Top to Bottom) AT6002 AT6003 AT6005 AT6010 84 PLCC 100 VQFP 132 PQFP 144 TQFP 180 CPGA 208 PQFP 240 PQFP |