| データシートサーチシステム |
|
SSM2018TPZ データシート(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SSM2018TPZ データシート(HTML) 1 Page - Analog Devices |
|
1 / 16 page ![]() Trimless Voltage Controlled Amplifier Data Sheet SSM2018 Rev. C Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2002–2013 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES 117 dB dynamic range 0.006% typical THD+N (@ 1 kHz, unity gain) 140 dB gain range No external trimming required Differential inputs Complementary gain outputs Buffered control port I–V converter on-chip Low external parts count Low cost FUNCTIONAL BLOCK DIAGRAM Figure 1. GENERAL DESCRIPTION The SSM2018 represents the continuing evolution of the Frey Operational Voltage Controlled Element (OVCE) topology that permits flexibility in the design of high performance volume control systems. The SSM2018 is laser trimmed for gain core symmetry and offset. As a result, the SSM2018 is the first professional audio quality VCA to offer trimless operation. Due to careful gain core layout, the SSM2018 combines the low noise of Class AB topologies with the low distortion of Class A circuits to offer an unprecedented level of sonic transparency. Additional features include differential inputs, a 140 dB (−100 dB to +40 dB) gain range, and a high impedance control port. The SSM2018 provides an internal current-to-voltage converter. Thus, no external active components are required. This device is offered in 16-lead, plastic DIP package and guaranteed for operation over the extended industrial temperature range of −40°C to +85°C. SSM2018 VC G GAIN CORE 1–G VG –IG V1–G –I1–G +IN –IN |
同様の部品番号 - SSM2018TPZ |
|
同様の説明 - SSM2018TPZ |