| データシートサーチシステム |
|
SSM2356 データシート(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SSM2356 データシート(HTML) 6 Page - Analog Devices |
|
6 / 16 page ![]() SSM2356 Data Sheet Rev. A | Page 6 of 16 TYPICAL PERFORMANCE CHARACTERISTICS 100 10 1 0.1 0.01 0.001 0.0001 0.001 0.01 0.1 1 10 OUTPUT POWER (W) RL = 8Ω + 33µH GAIN = 6dB VDD = 2.5V VDD = 3.6V VDD = 5V Figure 3. THD + N vs. Output Power into 8 Ω, AV = 6 dB 100 10 1 0.1 0.01 0.001 0.0001 0.001 0.01 0.1 1 10 OUTPUT POWER (W) RL = 8Ω + 33µH GAIN = 18dB VDD = 2.5V VDD = 3.6V VDD = 5V Figure 4. THD + N vs. Output Power into 8 Ω, AV = 18 dB 100 10 1 0.1 0.01 0.001 0.0001 0.001 0.01 0.1 1 10 OUTPUT POWER (W) RL = 4Ω + 15µH GAIN = 6dB VDD = 2.5V VDD = 3.6V VDD = 5V Figure 5. THD + N vs. Output Power into 4 Ω, AV = 6 dB 100 10 1 0.1 0.01 0.001 0.0001 0.001 0.01 0.1 1 10 OUTPUT POWER (W) RL = 4Ω + 15µH GAIN = 18dB VDD = 2.5V VDD = 3.6V VDD = 5V Figure 6. THD + N vs. Output Power into 4 Ω, AV = 18 dB 100 10 1 0.1 0.001 0.0001 0.01 10 100 1k 10k 100k FREQUENCY (Hz) VDD = 5V GAIN = 6dB RL = 8Ω + 33µH 1W 0.25W 0.5W Figure 7. THD + N vs. Frequency, VDD = 5 V, RL = 8 Ω, AV = 6 dB 100 10 1 0.1 0.01 0.001 10 100 1k 10k 100k FREQUENCY (Hz) VDD = 5V GAIN = 18dB RL = 8Ω + 33µH 1W 0.25W 0.5W Figure 8. THD + N vs. Frequency, VDD = 5 V, RL = 8 Ω, AV = 18 dB |