| データシートサーチシステム |
|
IRFS3306TRLPBF データシート(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFS3306TRLPBF データシート(HTML) 10 Page - International Rectifier |
|
10 / 11 page ![]() IRFB/S/SL3306PbF 10 www.irf.com D2Pak Part Marking Information F530S THIS IS AN IRF530S WITH LOT CODE 8024 ASSEMBLED ON WW 02, 2000 IN THE ASSEMBLY LINE "L" ASSEMBLY LOT CODE INTERNATIONAL RECTIFIER LOGO PART NUMBER DATE CODE YEAR 0 = 2000 WEEK 02 LINE L D2Pak Package Outline (Dimensions are shown in millimeters (inches)) DATE CODE IN THE ASSEMBLY LINE "L" ASSEMBLED ON WW 02, 2000 THIS IS AN IRF530S WITH LOT CODE 8024 INTERNATIONAL LOGO RECTIFIER LOT CODE PART NUMBER F530S For GB Production Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/ |