データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT90LS4433-4AI データシート(PDF) 2 Page - ATMEL Corporation

部品番号 AT90LS4433-4AI
部品情報  8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI データシート(HTML) 2 Page - ATMEL Corporation

  AT90LS4433-4AI Datasheet HTML 1Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 2Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 3Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 4Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 5Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 6Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 7Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 8Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AT90S/LS2333 and AT90S/LS4433
2
Description
The AT90S2333/4433 is a low-power CMOS 8-bit microcontroller based on the AVR RISC architecture. By executing pow-
erful instructions in a single clock cycle, the AT90S2333/4433 achieves throughputs approaching 1 MIPS per MHz allowing
the system designer to optimize power consumption versus processing speed.
The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly
connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction
executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times
faster than conventional CISC microcontrollers.
The AT90S2333/4433 provides the following features: 2K/4K bytes of In-System Programmable Flash, 128/256 bytes
EEPROM, 128 bytes SRAM, 20 general purpose I/O lines, 32 general purpose working registers, two flexible
timer/counters with compare modes, internal and external interrupts, a programmable serial UART, 6-channel, 10-bit ADC,
programmable Watchdog Timer with internal oscillator, an SPI serial port and two software selectable power saving modes.
The Idle mode stops the CPU while allowing the SRAM, timer/counters, SPI port and interrupt system to continue function-
ing. The Power Down mode saves the register contents but freezes the oscillator, disabling all other chip functions until the
next interrupt or hardware reset.
The device is manufactured using Atmel’s high density nonvolatile memory technology. The on-chip Flash program mem-
ory can be reprogrammed in-system through an SPI serial interface or by a conventional nonvolatile memory programmer.
By combining a RISC 8-bit CPU with In-System Programmable Flash on a monolithic chip, the Atmel AT90S2333/4433 is a
powerful microcontroller that provides a highly flexible and cost effective solution to many embedded control applications.
The AT90S2333/4433 AVR is supported with a full suite of program and system development tools including: C compilers,
macro assemblers, program debugger/simulators, in-circuit emulators, and evaluation kits.
Table 1. Comparison Table
Device
Flash
EEPROM
SRAM
Voltage Range
Frequency
AT90S2333
2K
128B
128B
4.0V - 6.0V
0 - 8 MHz
AT90LS2333
2K
128B
128B
2.7V - 6.0V
0 - 4 MHz
AT90S4433
4K
256B
128B
4.0V - 6.0V
0 - 8 MHz
AT90LS4433
4K
256B
128B
2.7V - 6.0V
0 - 4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13