| データシートサーチシステム |
|
AT49F001T-55VC データシート(PDF) 9 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT49F001T-55VC データシート(HTML) 9 Page - ATMEL Corporation |
|
9 / 16 page ![]() AT49F001(N)(T) 9 Program Cycle Waveforms Sector or Chip Erase Cycle Waveforms Notes: 1. OE must be high only when WE and CE are both low. 2. For chip erase, the address should be 5555. For sector erase, the address depends on what sector is to be erased. (See note 4 under command definitions.) 3. For chip erase, the data should be 10H, and for sector erase, the data should be 30H. Program Cycle Characteristics Symbol Parameter Min Typ Max Units t BP Byte Programming Time 10 50 µs t AS Address Set-up Time 0 ns t AH Address Hold Time 50 ns t DS Data Set-up Time 50 ns t DH Data Hold Time 0 ns t WP Write Pulse Width 90 ns t WPH Write Pulse Width High 90 ns t EC Erase Cycle Time 10 seconds OE PROGRAM CYCLE INPUT DATA ADDRESS A0 55 5555 5555 AA 2AAA tBP tWPH tWP CE WE A0-A16 DATA tAS tAH tDH tDS OE (1) AA 80 Note 3 55 55 5555 5555 Note 2 AA BYTE 0 BYTE 1 BYTE 2 BYTE 3 BYTE 4 BYTE 5 2AAA 2AAA tWPH tWP CE WE A0-A16 DATA tAS tAH tEC tDH tDS 5555 |