データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP23S09ESS データシート(PDF) 10 Page - Microchip Technology

部品番号 MCP23S09ESS
部品情報  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09ESS データシート(HTML) 10 Page - Microchip Technology

Back Button MCP23S09ESS Datasheet HTML 6Page - Microchip Technology MCP23S09ESS Datasheet HTML 7Page - Microchip Technology MCP23S09ESS Datasheet HTML 8Page - Microchip Technology MCP23S09ESS Datasheet HTML 9Page - Microchip Technology MCP23S09ESS Datasheet HTML 10Page - Microchip Technology MCP23S09ESS Datasheet HTML 11Page - Microchip Technology MCP23S09ESS Datasheet HTML 12Page - Microchip Technology MCP23S09ESS Datasheet HTML 13Page - Microchip Technology MCP23S09ESS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
MCP23009/MCP23S09
DS22121B-page 10
© 2009 Microchip Technology Inc.
FIGURE 1-3:
VOLTAGE AND CODE EXAMPLE
Assume:
n = A2, A1, A0 in opcode
ratio = R2/(R1+R2)
V2 = voltage on ADDR pin
V2(min) = V2 - (VDD/8) x %tolerance
V2(max) = V2 + (VDD/8) x %tolerance
VDD= 1.8
n
R2=2n+1
R1=16-R2 R2/(R1+R2)
V2
V2(min)
V2(max)
0
1
15
0.0625
0.113
0.00
0.14
1
3
13
0.1875
0.338
0.32
0.36
2
5
11
0.3125
0.563
0.54
0.59
37
9
0.4375
0.788
0.77
0.81
49
7
0.5625
1.013
0.99
1.04
5
11
5
0.6875
1.238
1.22
1.26
6
13
3
0.8125
1.463
1.44
1.49
7
15
1
0.9375
1.688
1.67
1.80
VDD= 2.7
n
R2=2n+1
R1=16-R2 R2/(R1+R2)
V2
V2(min)
V2(max)
0
1
15
0.0625
0.169
0.00
0.19
1
3
13
0.1875
0.506
0.48
0.53
2
5
11
0.3125
0.844
0.82
0.87
37
9
0.4375
1.181
1.16
1.20
49
7
0.5625
1.519
1.50
1.54
5
11
5
0.6875
1.856
1.83
1.88
6
13
3
0.8125
2.194
2.17
2.22
7
15
1
0.9375
2.531
2.51
2.70
VDD= 3.3
n
R2=2n+1
R1=16-R2
R2/(R1+R2)
V2
V2(min)
V2(max)
0
1
15
0.0625
0.206
0.00
0.23
1
3
13
0.1875
0.619
0.60
0.64
2
5
11
0.3125
1.031
1.01
1.05
379
0.4375
1.444
1.42
1.47
497
0.5625
1.856
1.83
1.88
5
11
5
0.6875
2.269
2.25
2.29
6
13
3
0.8125
2.681
2.66
2.70
7
15
1
0.9375
3.094
3.07
3.30
VDD= 5.5
n
R2=2n+1
R1=16-R2 R2/(R1+R2)
V2
V2(min)
V2(max)
0
1
15
0.0625
0.344
0.00
0.37
1
3
13
0.1875
1.031
1.01
1.05
2
5
11
0.3125
1.719
1.70
1.74
37
9
0.4375
2.406
2.38
2.43
49
7
0.5625
3.094
3.07
3.12
5
11
5
0.6875
3.781
3.76
3.80
6
13
3
0.8125
4.469
4.45
4.49
7
15
1
0.9375
5.156
5.13
5.50
10% Tolerance (total)
10% Tolerance (total)
10% Tolerance (total)
10% Tolerance (total)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50