データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP23S09TESS データシート(PDF) 3 Page - Microchip Technology

部品番号 MCP23S09TESS
部品情報  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09TESS データシート(HTML) 3 Page - Microchip Technology

  MCP23S09TESS Datasheet HTML 1Page - Microchip Technology MCP23S09TESS Datasheet HTML 2Page - Microchip Technology MCP23S09TESS Datasheet HTML 3Page - Microchip Technology MCP23S09TESS Datasheet HTML 4Page - Microchip Technology MCP23S09TESS Datasheet HTML 5Page - Microchip Technology MCP23S09TESS Datasheet HTML 6Page - Microchip Technology MCP23S09TESS Datasheet HTML 7Page - Microchip Technology MCP23S09TESS Datasheet HTML 8Page - Microchip Technology MCP23S09TESS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
© 2009 Microchip Technology Inc.
DS22121B-page 3
MCP23009/MCP23S09
1.0
DEVICE OVERVIEW
The MCP23X09 device provides 8-bit, general purpose
parallel I/O expansion for I2C bus or SPI applications.
The two devices differ only in the serial interface.
• MCP23009 - I2C interface
• MCP23S09 - SPI interface
The MCP23X09 consists of multiple 8-bit configuration
registers for input, output and polarity selection. The
system master can enable the I/Os as either inputs or
outputs by writing the I/O configuration bits. The data
for each input or output is kept in the corresponding
input or output register. The polarity of the input port
register can be inverted with the polarity inversion
register. All registers can be read by the system master.
The interrupt output can be configured to activate
under two conditions (mutually exclusive):
1.
When
any
input
state
differs
from
its
corresponding input port register state. This is
used to indicate to the system master that an
input state has changed.
2.
When
an
input
state
differs
from
a
pre-configured
register
value
(DEFVAL
register).
The Interrupt Capture register captures port values at
the time of the interrupt, thereby saving the condition
that caused the interrupt.
The Power-on Reset (POR) sets the registers to their
default values and initializes the device state machine.
The hardware address pin is used to determine the
device address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50