| データシートサーチシステム |
|
PIC24F16KA101T-ESS-ES データシート(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F16KA101T-ESS-ES データシート(HTML) 13 Page - Microchip Technology |
|
13 / 278 page ![]() 2008-2011 Microchip Technology Inc. DS39927C-page 13 PIC24F16KA102 FAMILY TABLE 1-2: PIC24F16KA102 FAMILY PINOUT DESCRIPTIONS Function Pin Number I/O Input Buffer Description 20-Pin PDIP/SSOP/ SOIC 20-Pin QFN 28-Pin SPDIP/ SSOP/SOIC 28-Pin QFN AN0 2 19 2 27 I ANA A/D Analog Inputs AN1 3 20 3 28 I ANA AN2 4 1 4 1 I ANA AN3 5 2 5 2 I ANA AN4 7 4 6 3 I ANA AN5 8 5 7 4 I ANA AN10 17 14 25 22 I ANA AN11 16 13 24 21 I ANA AN12 15 12 23 20 I ANA U1BCLK 13 10 18 15 O — UART1 IrDA® Baud Clock U2BCLK 9 6 11 8 O — UART2 IrDA Baud Clock C1INA 8 5 7 4 I ANA Comparator 1 Input A (Positive Input) C1INB 7 4 6 3 I ANA Comparator 1 Input B (Negative Input Option 1) C1INC 5 2 5 2 I ANA Comparator Input C (Negative Input Option 2) C1IND 4 1 4 1 I ANA Comparator Input D (Negative Input Option 3) C1OUT 17 14 25 22 O — Comparator 1 Output C2INA 5 2 5 2 I ANA Comparator 2 Input A (Positive Input) C2INB 4 1 4 1 I ANA Comparator 2 Input B (Negative Input Option 1) C2INC 8 5 7 4 I ANA Comparator 2 Input C (Negative Input Option 2) C2IND 7 4 6 3 I ANA Comparator 2 Input D (Negative Input Option 3) C2OUT 14 11 20 17 O — Comparator 2 Output CLKI 7 4 9 6 I ANA Main Clock Input Connection CLKO 8 5 10 7 O — System Clock Output Legend: ST = Schmitt Trigger input buffer, ANA = Analog level input/output, I2C™ = I2C/SMBus input buffer Note 1: Alternative multiplexing when the I2C1SEL Configuration bit is cleared. |