| データシートサーチシステム |
|
AT6010A-2AC データシート(PDF) 18 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT6010A-2AC データシート(HTML) 18 Page - ATMEL Corporation |
|
18 / 28 page ![]() AT6000(LV) Series 18 Notes: 1. PWR = Pins connected to power plane = F1, E4/E5, L2, R4, K15, L12, E14, A12. 2. GND = Pins connected to ground plane = L4, M4, N9, N10, E12, D12, C7, C6. I/O34(A) or A13 I/O42(A) or A13 I/O38(A) or A13 I/O73(A) or A13 5 92 5 131 C5 189 217 I/O33(B) I/O41(B) I/O37(A) I/O72(A) - - 6 132 C4 190 218 - - - I/O71(B) - - - - - 191 219 I/O32(A) or A12 I/O40(A) or A12 I/O36(A) or A12 I/O70(A) or A12 6 93 7 133 C3 192 220 I/O31(B) I/O39(B) I/O35(A) I/O69(A) - 94 8 134 B8 193 221 - - - I/O68(A) - - - - B7 194 222 - - - I/O67(B) - - - - - - 223 I/O30(A) or A11 I/O38(A) or A11 I/O34(A) or A11 I/O66(A) or A11 7 95 9 135 B6 195 224 - I/O37(B) I/O33(A) I/O65(A) - - 10 136 B5 196 225 - - - I/O64(A) - - - - B4 197 226 GND GND GND GND - - 11 137 GND (2) 198 227 - - - I/O63(B) - - - - - - 228 I/O29(A) or A10 I/O36(A) or A10 I/O32(A) or A10 I/O62(A) or A10 8 96 12 138 B3 199 229 I/O28(B) I/O35(B) I/O31(A) I/O61(A) - 97 13 139 B2 200 230 - - - I/O60(A) - - - - A8 201 231 - - - I/O59(B) - - - - - - 232 I/O27(A) or A9 I/O34(A) or A9 I/O30(A) or A9 I/O58(A) or A9 9 98 14 140 A7 202 233 I/O26(B) I/O33(A) I/O29(A) I/O57(A) - - 15 141 A6 203 234 - - - I/O56(A) - - - - A5 204 235 - - - I/O55(B) - - - - - - 236 - I/O32(B) - I/O54(A) - - - 142 A4 205 237 I/O25(A) or A8 I/O31(A) or A8 I/O28(A) or A8 I/O53(A) or A8 10 99 16 143 A3 206 238 - - - I/O52(A) - - - - A2 -207 239 M0 M0 M0 M0 11 100 17 144 A1 208 240 Pinout Assignment (Continued) Top Side (Right to Left) AT6002 AT6003 AT6005 AT6010 84 PLCC 100 VQFP 132 PQFP 144 TQFP 180 CPGA 208 PQFP 240 PQFP |