データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT3015 データシート(PDF) 10 Page - Linear Technology

部品番号 LT3015
部品情報  1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT3015 データシート(HTML) 10 Page - Linear Technology

Back Button LT3015 Datasheet HTML 6Page - Linear Technology LT3015 Datasheet HTML 7Page - Linear Technology LT3015 Datasheet HTML 8Page - Linear Technology LT3015 Datasheet HTML 9Page - Linear Technology LT3015 Datasheet HTML 10Page - Linear Technology LT3015 Datasheet HTML 11Page - Linear Technology LT3015 Datasheet HTML 12Page - Linear Technology LT3015 Datasheet HTML 13Page - Linear Technology LT3015 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3015
10
3015f
PIN FUNCTIONS
IN (Pins 1, 2, Exposed Pad Pin 9 / 1, 2, 3, 4, Exposed
Pad Pin 13 / 3, Tab / 3, Tab ): Input. These pins supply
power to the regulator. The Tab of the DD-Pak, TO-220 and
the exposed backside pad of the DFN and MSOP packages
is an electrical connection to IN and to the device’s sub-
strate. For proper electrical and thermal performance, tie
all IN pins together and tie IN to the exposed backside or
Tab of the relevant package on the PCB. See the Applica-
tions Information Section for thermal considerations and
calculating junction temperature. The LT3015 requires
a bypass capacitor at IN. In general, a battery’s output
impedance rises with frequency, so include a bypass ca-
pacitor in battery powered applications. An input bypass
capacitor in the range of 1μF to 10μF generally suffices,
but applications with large load transients may require
higher input capacitance to prevent input supply droop
and prevent the regulator from entering dropout.
SHDN (Pin 3 / 5 / 1 / 1): Shutdown. Use the SHDN pin to
put the LT3015 into a micropower shutdown state. The
SHDN function is bi-directional, allowing use of either
positive or negative logic. The SHDN pin threshold voltages
are referenced to GND. The output of the LT3015 is OFF
if the SHDN pin is pulled within ±0.73V of GND. Driving
the SHDN pin more than ±1.21V turns the LT3015 ON.
Drive the SHDN pin with either a logic gate or with open
collector/drain logic using a pull-up resistor. The resistor
supplies the pull-up current of the open collector/drain
gate, typically several microamperes. The typical SHDN
pin current is 2.8μA out of the pin (for negative logic) or
17μA into the pin (for positive logic). If the SHDN func-
tion is unused, connect the SHDN pin to VIN to turn the
device ON. If the SHDN pin is floated, then the LT3015
is OFF. A parasitic diode exists between SHDN and IN of
the LT3015. Therefore, do not drive the SHDN pin more
than 0.3V below IN during normal operation or during a
fault condition. The SHDN pin can also be used to set a
programmable undervoltage lockout (UVLO) threshold
for the regulator input supply.
GND (Pins 4, 5 / 6, 7 / 2 / 2): Ground. Tie all GND pin(s)
together and tie the bottom of the output voltage setting
resistor divider directly to the GND pin(s) for optimum
load regulation performance.
ADJ (Pin 6 / 8 / 4 / 4): Adjust. This pin is the error ampli-
fier’s non-inverting input. It has a typical bias current of
30nA that flows into the pin. The ADJ pin reference voltage
is –1.22V referred to GND, and the output voltage range
is –1.22V to –29.5V. A parasitic substrate diode exists
between ADJ and IN of the LT3015. Therefore, do not drive
ADJ more than 0.3V below IN during normal operation or
during a fault condition.
OUT (Pins 7, 8 / 9, 10, 11, 12 / 5 / 5): Output. These pins
supply power to the load. Tie all OUT pins together for best
performance. Use a minimum output capacitor of 10μF
to prevent oscillations. Large load transient applications
require larger output capacitors to limit peak voltage tran-
sients. See the Applications Information section for more
information on output capacitance. A parasitic substrate
diode exists between OUT and IN of the LT3015. Therefore,
do not drive OUT more than 0.3V below IN during normal
operation or during a fault condition.
(DFN/MSOP/Q/T)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com