| データシートサーチシステム |
|
CDR04BP102BFURAJ データシート(PDF) 4 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CDR04BP102BFURAJ データシート(HTML) 4 Page - Vishay Siliconix |
|
4 / 12 page ![]() www.vishay.com For technical questions, contact: mlcc@vishay.com Document Number: 45026 168 Revision: 30-May-11 This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 CDR-MIL-PRF-55681 Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR CDR01BX CDR01BX121B_ _ _ 121 120 J, K BX 100 CDR01BX151B_ _ _ 151 150 J, K BX 100 CDR01BX181B_ _ _ 181 180 J, K BX 100 CDR01BX221B_ _ _ 221 220 K, M BX 100 CDR01BX271BK_ _ 271 270 K BX 100 CDR01BX331B_ _ _ 331 330 K, M BX 100 CDR01BX391BK_ _ 391 390 K BX 100 CDR01BX471B_ _ _ 471 470 K, M BX 100 CDR01BX561BK_ _ 561 560 K BX 100 CDR01BX681B_ _ _ 681 680 K, M BX 100 CDR01BX821BK_ _ 821 820 K BX 100 CDR01BX102B_ _ _ 102 1000 K, M BX 100 CDR01BX122BK_ _ 122 1200 K BX 100 CDR01BX152B_ _ _ 152 1500 K, M BX 100 CDR01BX182BK_ _ 182 1800 K BX 100 CDR01BX222B_ _ _ 222 2200 K, M BX 100 CDR01BX272BK_ _ 272 2700 K BX 100 CDR01BX332B_ _ _ 332 3300 K, M BX 100 CDR01BX392AK_ _ 392 3900 K BX 50 CDR01BX472A_ _ _ 472 4700 K, M BX 50 CDR02BP CDR02BP221B_ _ _ 221 220 J, K BP 100 CDR02BP271BJ_ _ 271 270 J BP 100 CDR02BX CDR02BX392BK_ _ 392 3900 K BX 100 CDR02BX472B_ _ _ 472 4700 K, M BX 100 CDR02BX562BK_ _ 562 5600 K BX 100 CDR02BX682B_ _ _ 682 6800 K, M BX 100 CDR02BX822BK_ _ 822 8200 K BX 100 CDR02BX103B_ _ _ 103 10 000 K, M BX 100 CDR02BX123AK_ _ 123 12 000 K BX 50 CDR02BX153A_ _ _ 153 15 000 K, M BX 50 CDR02BX183AK_ _ 183 18 000 K BX 50 CDR02BX223A_ _ _ 223 22 000 K, M BX 50 CDR03BP CDR03BP331B_ _ _ 331 330 J, K BP 100 CDR03BP391BJ_ _ 391 390 J BP 100 CDR03BP471B_ _ _ 471 470 J, K BP 100 CDR03BP561BJ_ _ 561 560 J BP 100 CDR03BP681B_ _ _ 681 680 J, K BP 100 CDR03BP821BJ_ _ 821 820 J BP 100 CDR03BP102B_ _ _ 102 1000 J, K BP 100 CDR03BX CDR03BX123BK_ _ 123 12 000 K BX 100 CDR03BX153B_ _ _ 153 15 000 K, M BX 100 CDR03BX183BK_ _ 183 18 000 K BX 100 CDR03BX223B_ _ _ 223 22 000 K, M BX 100 CDR03BX273BK_ _ 273 27 000 K BX 100 CDR03BX333B_ _ _ 333 33 000 K, M BX 100 CDR03BX393AK_ _ 393 39 000 K BX 50 CDR03BX473A_ _ _ 473 47 000 K, M BX 50 CDR03BX563AK_ _ 563 56 000 K BX 50 CDR03BX683A_ _ _ 683 68 000 K, M BX 50 MIL-C-55681 QUALIFIED, TYPE CDR MILITARY TYPE DESIGNATION CAPACITANCE CODE CAPACITANCE (pF) CAPACITANCE TOLERANCE RATED TEMP. AND VOLTAGE TEMP. LIMITS VOLTAGE (DC) |