| データシートサーチシステム |
|
CDR33BP102BFURAJ データシート(PDF) 7 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CDR33BP102BFURAJ データシート(HTML) 7 Page - Vishay Siliconix |
|
7 / 12 page ![]() Document Number: 45026 For technical questions, contact: mlcc@vishay.com www.vishay.com Revision: 30-May-11 171 This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 CDR-MIL-PRF-55681 Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR Vishay Vitramon CDR31BX CDR31BX471B_ _ _ 471 470 K, M BX 100 CDR31BX561B_ _ _ 561 560 K, M BX 100 CDR31BX681B_ _ _ 681 680 K, M BX 100 CDR31BX821B_ _ _ 821 820 K, M BX 100 CDR31BX102B_ _ _ 102 1000 K, M BX 100 CDR31BX122B_ _ _ 122 1200 K, M BX 100 CDR31BX152B_ _ _ 152 1500 K, M BX 100 CDR31BX182B_ _ _ 182 1800 K, M BX 100 CDR31BX222B_ _ _ 222 2200 K, M BX 100 CDR31BX272B_ _ _ 272 2700 K, M BX 100 CDR31BX332B_ _ _ 332 3300 K, M BX 100 CDR31BX392B_ _ _ 392 3900 K, M BX 100 CDR31BX472B_ _ _ 472 4700 K, M BX 100 CDR31BX562A_ _ _ 562 5600 K, M BX 50 CDR31BX682A_ _ _ 682 6800 K, M BX 50 CDR31BX822A_ _ _ 822 8200 K, M BX 50 CDR31BX103A_ _ _ 103 10 000 K, M BX 50 CDR31BX123A_ _ _ 123 12 000 K, M BX 50 CDR31BX153A_ _ _ 153 15 000 K, M BX 50 CDR31BX183A_ _ _ 183 18 000 K, M BX 50 CDR32BP CDR32BP1R0B_ _ _ 1R0 1 C BP 100 CDR32BP1R1B_ _ _ 1R1 1.1 C BP 100 CDR32BP1R2B_ _ _ 1R2 1.2 C BP 100 CDR32BP1R3B_ _ _ 1R3 1.3 C BP 100 CDR32BP1R5B_ _ _ 1R5 1.5 C BP 100 CDR32BP1R6B_ _ _ 1R6 1.6 C BP 100 CDR32BP1R8B_ _ _ 1R8 1.8 C BP 100 CDR32BP2R0B_ _ _ 2R0 2 C BP 100 CDR32BP2R2B_ _ _ 2R2 2.2 C BP 100 CDR32BP2R4B_ _ _ 2R4 2.4 C BP 100 CDR32BP2R7B_ _ _ 2R7 2.7 C, D BP 100 CDR32BP3R0B_ _ _ 3R0 3 C, D BP 100 CDR32BP3R3B_ _ _ 3R3 3.3 C, D BP 100 CDR32BP3R6B_ _ _ 3R6 3.6 C, D BP 100 CDR32BP3R9B_ _ _ 3R9 3.9 C, D BP 100 CDR32BP4R3B_ _ _ 4R3 4.3 C, D BP 100 CDR32BP4R7B_ _ _ 4R7 4.7 C, D BP 100 CDR32BP5R1B_ _ _ 5R1 5.1 C, D BP 100 CDR32BP5R6B_ _ _ 5R6 5.6 C, D BP 100 CDR32BP6R2B_ _ _ 6R2 6.2 C, D BP 100 CDR32BP6R8B_ _ _ 6R8 6.8 C, D BP 100 CDR32BP7R5B_ _ _ 7R5 7.5 C, D BP 100 CDR32BP8R2B_ _ _ 8R2 8.2 C, D BP 100 CDR32BP9R1B_ _ _ 9R1 9.1 C, D BP 100 CDR32BP100B_ _ _ 100 10 F, J, K BP 100 MIL-C-55681 QUALIFIED, TYPE CDR MILITARY TYPE DESIGNATION CAPACITANCE CODE CAPACITANCE (pF) CAPACITANCE TOLERANCE RATED TEMP. AND VOLTAGE TEMP. LIMITS VOLTAGE (DC) |