| データシートサーチシステム |
|
dsPIC30F3010 データシート(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC30F3010 データシート(HTML) 11 Page - Microchip Technology |
|
11 / 228 page ![]() © 2010 Microchip Technology Inc. DS70141F-page 11 dsPIC30F3010/3011 1.0 DEVICE OVERVIEW This document contains device-specific information for the dsPIC30F3010/3011 device. The dsPIC30F devices contain extensive Digital Signal Processor (DSP) functionality within a high-performance 16-bit microcontroller (MCU) architecture. Figure 1-1 and Figure 1-2 illustrate device block diagrams for the dsPIC30F3011 and dsPIC30F3010 devices. Note: This data sheet summarizes features of this group of dsPIC30F devices and is not intended to be a complete reference source. For more information on the CPU, peripherals, register descriptions and general device functionality, refer to the “dsPIC30F Family Reference Manual” (DS70046). For more information on the device instruction set and programming, refer to the “16-bit MCU and DSC Programmer’s Reference Manual” (DS70157). |