データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10524 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10524
部品情報  LM10524 Triple Buck Power Management Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10524 データシート(HTML) 1 Page - Texas Instruments

  LM10524 Datasheet HTML 1Page - Texas Instruments LM10524 Datasheet HTML 2Page - Texas Instruments LM10524 Datasheet HTML 3Page - Texas Instruments LM10524 Datasheet HTML 4Page - Texas Instruments LM10524 Datasheet HTML 5Page - Texas Instruments LM10524 Datasheet HTML 6Page - Texas Instruments LM10524 Datasheet HTML 7Page - Texas Instruments LM10524 Datasheet HTML 8Page - Texas Instruments LM10524 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
LM10524
www.ti.com
SNVS986A – AUGUST 2013 – REVISED JANUARY 2014
LM10524 Triple Buck Power Management Unit
Check for Samples: LM10524
1
FEATURES
DESCRIPTION
LM10524 is an advanced PMU containing three
2
Three Highly Efficient Programmable Buck
configurable,
high-efficiency
buck
regulators
for
Regulators
supplying variable voltages. The device is ideal for
Integrated FETs with Low RDSON
supporting ASIC and SOC designs for SSD and
Bucks Operate with Their Phases Shifted to
Flash drives.
Reduce the Input Current Ripple and
The LM10524 can operate cooperatively with an
Capacitor Size
ASIC to optimize the supply voltage for low-power
Programmable Output Voltage via the SPI
conditions and to control power saving modes via the
Interface
SPI interface.
Over and Under-Voltage-Lockout
KEY SPECIFICATIONS
Automatic Internal Soft Start with Power-
Single input rail with wide range: 3.3 to 5.5V
On-Reset
Programmable Buck Regulator Outputs:
Current Overload and Thermal Shutdown
Protection
Buck 1: 1.1V to 3.6V; 1.6A
PFM Mode for High Efficiency at Light Load
Buck 2: 1.1V to 3.6V; 1A
Conditions
Buck 3: 0.7V to 1.95V; 2.5A
Power-Down Data Protection Enhances Data
±3% feedback voltage accuracy
Integrity
Up to 95% efficient buck regulators
Bypass Mode Available on Buck 1
2MHz switching frequency for smaller inductor
Sleep Mode to Save Power During Idle Times
size
DEVSLP Function
2.815mm, 3.215mm, 0.4mm pitch, 46 bump
SPI-Programmable Interrupt Comparator (2.0V
micro SMD package
to 4.0V)
Factory Programmable Startup Sequencing for
Varied Controllers
Fast Startup for all Voltage Rails in about
3.5ms to PWR_OK
Fast Turn-off / Active Discharge on Regulator
Outputs
APPLICATION
Solid-State Drives
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM10524

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10524 TI1-LM10524 Datasheet
1Mb / 44P
LM10524 Triple Buck Power Management Unit
LM10524TME-A/NOPB TI1-LM10524TME-A/NOPB Datasheet
1Mb / 44P
LM10524 Triple Buck Power Management Unit
LM10524TME/NOPB TI1-LM10524TME/NOPB Datasheet
1Mb / 44P
LM10524 Triple Buck Power Management Unit
LM10524TMX-A/NOPB TI1-LM10524TMX-A/NOPB Datasheet
1Mb / 44P
LM10524 Triple Buck Power Management Unit
LM10524TMX/NOPB TI1-LM10524TMX/NOPB Datasheet
1Mb / 44P
LM10524 Triple Buck Power Management Unit
More results

同様の説明 - LM10524

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
Triple Buck LDO Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
TRIPLE BUCK POWER MANAGEMENT IC
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
logo
STMicroelectronics
L7292 STMICROELECTRONICS-L7292 Datasheet
3Mb / 60P
Five buck regulators power management unit
05-Nov-2015
logo
Texas Instruments
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
LM10504 Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
LM10507 Triple Buck LDO Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
LM10524 Triple Buck Power Management Unit
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com