データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KBDSER132 データシート(PDF) 8 Page - ABCircuits

部品番号 KBDSER132
部品情報  Serial output keyboard encoder for up to 132 keys
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABCIRCUITS [ABCircuits]
ホームページ  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

KBDSER132 データシート(HTML) 8 Page - ABCircuits

  KBDSER132 Datasheet HTML 1Page - ABCircuits KBDSER132 Datasheet HTML 2Page - ABCircuits KBDSER132 Datasheet HTML 3Page - ABCircuits KBDSER132 Datasheet HTML 4Page - ABCircuits KBDSER132 Datasheet HTML 5Page - ABCircuits KBDSER132 Datasheet HTML 6Page - ABCircuits KBDSER132 Datasheet HTML 7Page - ABCircuits KBDSER132 Datasheet HTML 8Page - ABCircuits KBDSER132 Datasheet HTML 9Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number KBDSER132
January 2013 Page 8 of 9
DC Electrical Characteristics
Symbol
Description
Min
Typical
Max
Units
Notes
Vdd
Supply Voltage
2.4
5.25
V
Idd
Supply Current
2
8
mA
Vdd = 5V
Voh
High Output Level
Vdd - 1.0
V
Ioh=10 mA
Vol
Low Output Voltage
0.75
V
Iol=25 mA
Vih
Input High Level
2.1
V
Vil
Input Low Level
0.8
V
Ioh
High Level Source Current
10
mA
Iol
Low Level Sink Current
25
mA
Cio
Capacitive load
3.5
10
pF
Iil
Input leakage
1
nA
Rpu
Pull Up Resistors On Row Inputs
4
5.6
8
k?
Theory Of Operation
The KBDSER132 IC is a custom programmed microprocessor designed to encode keyboards
and provide a serial output. The open drain COL X pins are pulsed low one at a time, and the
ROW Y pins are sampled to check for key switch closures. If a key is detected, scanning stops
until the key is released. The pressed key is encoded and transmitted in standard asynchronous
format on the SOUT key. The key is transmitted using 8 data bits, 1 stop bit and no parity. Baud
rate is 9600 BPS. When the key is released scanning continues. A program such as
REALTERM may be used to view the binary data as hexadecimal. Hyperterm will not show data
in hexadecimal format.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com