| データシートサーチシステム |
|
CMPWR025 データシート(PDF) 3 Page - California Micro Devices Corp |
|
|
|||||||||||||||||||||||||||||
CMPWR025 データシート(HTML) 3 Page - California Micro Devices Corp |
|
3 / 7 page ![]() © 2000 California Micro Devices Corp. All rights reserved. 10/18/2000 3 CMPWR025 CALIFORNIA MICRO DEVICES 215 Topaz Street, Milpitas, California 95035 Tel: (408) 263-3214 Fax: (408) 263-7846 www.calmicro.com INTERFACE SIGNALS V CC1 is the primary power source, which is given priority when present. If pin 8 (HYS) is unconnected, then the hysteresis level is 75mV (typ.). Whenever the primary power source drops below the secondary supply V CC2 by more than 125mV, it will immediately become dese- lected. When the primary power source is restored to within 50mV of the secondary supply, the primary power source will once again be selected and provide all the output current. When V CC1 is selected, it will supply all the internal current requirements which are typically 20µA. When V CC1 is not selected, there will be no current loading on this input. V CC2 is the secondary power source and is selected when the primary source has fallen below it by more than 125mV (or 200mV if pin 8 is grounded). The secondary source will be deselected immediately once the primary source is restored to within 50mV of V CC2 . When V CC2 is selected, it will supply all the internal current requirements which are typically 20µA. When V CC2 is not selected, there will be no current loading on this input. GND is the negative reference for all voltages. V OUT provides the power for the load. During normal operation the impedance from V OUT to the selected supply is typically less than 0.28 Ω, which results in minimal voltage loss from input to output. During the cold-start interval when both inputs are initially applied, the internal circuitry provides a soft turn-on for the switches, which limits peak in-rush current. HYS is the user-selectable hysteresis input. The hyster- esis level is set to 150mV when grounding pin 8. The default hysteresis level is set to 75mV by leaving pin 8 unconnected. Using 150mV hysteresis is recommended, especially in environments with noisy power supplies, high power supply resistances or high load currents. If the hysteresis level is set to 150mV, the primary supply V CC1 must now fall 200mV below the secondary supply V CC2 before it becomes deselected. Important note: There is an internal connection between pins 1 and 2. These pins must be connected externally. There is an internal connection between pins 3 and 4. These pins must be connected externally. There is an internal connection between pins 6 and 7. These pins must be connected externally. S N O I T C N U F N I P . o N n i Pl o b m y Sn o i t p i r c s e D 2 , 1V 1 C C V m 5 2 1 n a h t e r o m y b t u p n i y r a d n o c e s e h t w o l e b ll a f t s u m t u p n i s i h T . t u p n i y l p p u S e v i t i s o P y r a m i r P . d e t c e l e s e d s i t i e r o f e b ) d e d n u o r g s i 8 n i p f i V m 0 0 2 r o ( 4 , 3V 2 C C s a h t u p n i y r a m i r p e h t r e v e n e h w d e t c e l e s e d e b ll i w t u p n i s i h T . t u p n i y l p p u S e v i t i s o P y r a d n o c e S V f o V m 0 5 n i h t i w o t d e r o t s e r n e e b 2 C C . 5D N G . s e g a t l o v ll a r o f e c n e r e f e r e v i t a g e N 7 , 6V T U O V r e h t i e o t d e h c t i w s y ll a n r e t n i t u p t u o e g a t l o v e v i t i s o P 1 C C V r o 2 C C t s u m 7 d n a 6 s n i P . e c r u o s t u p n i . y ll a n r e t x e r e h t e g o t d e t c e n n o c e b 8S Y H V m 0 5 1 r o f ) D N G ( 5 n i p o t 8 n i p t c e n n o C . s i s e r e t s y h V m 5 7 r o f d e t c e n n o C t o N . t s u j d a s i s e r e t s y H . s i s e r e t s y h |