データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFH7776 データシート(PDF) 31 Page - OSRAM GmbH

部品番号 SFH7776
部品情報  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 データシート(HTML) 31 Page - OSRAM GmbH

Back Button SFH7776 Datasheet HTML 26Page - OSRAM GmbH SFH7776 Datasheet HTML 27Page - OSRAM GmbH SFH7776 Datasheet HTML 28Page - OSRAM GmbH SFH7776 Datasheet HTML 29Page - OSRAM GmbH SFH7776 Datasheet HTML 30Page - OSRAM GmbH SFH7776 Datasheet HTML 31Page - OSRAM GmbH SFH7776 Datasheet HTML 32Page - OSRAM GmbH SFH7776 Datasheet HTML 33Page - OSRAM GmbH SFH7776 Datasheet HTML 34Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Version 0.1
SFH 7776
2013-07-09
31
DRAFT - For reference only.
Subject to change without notice.
Recommended solder pad design
Dimensions in mm (inch). / Maße in mm (inch).
Cleaning / Washing
In general, OSRAM Opto Semiconductors does not recommend a wet cleaning process for the
components SFH7776 as the package is not hermetically sealed. Due to the open design, all kind of
cleaning liquids can infiltrate the package and cause a degradation or a complete failure of the LED or
ASIC. It is also recommended to prevent penetration of organic substances from the environment
which could interact with the hot surfaces of the operating chips. Ultrasonic cleaning is generally not
recommended for all types of LEDs (see also the application note "Cleaning of LEDs"). As is standard
for the electronic industry, OSRAM Opto Semiconductors recommends using low-residue or no-clean
solder paste, so that PCB cleaning after soldering is no longer required. In any case, all materials and
methods should be tested beforehand in order to determine whether the component will be damaged
in the process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34