データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6717TR データシート(PDF) 27 Page - STMicroelectronics

部品番号 L6717TR
部品情報  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR データシート(HTML) 27 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 23Page - STMicroelectronics L6717TR Datasheet HTML 24Page - STMicroelectronics L6717TR Datasheet HTML 25Page - STMicroelectronics L6717TR Datasheet HTML 26Page - STMicroelectronics L6717TR Datasheet HTML 27Page - STMicroelectronics L6717TR Datasheet HTML 28Page - STMicroelectronics L6717TR Datasheet HTML 29Page - STMicroelectronics L6717TR Datasheet HTML 30Page - STMicroelectronics L6717TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
L6717
Power manager I2C
Doc ID 17326 Rev 1
27/56
Refer to Figure 8, Table 11 and Table 12 for details.
Figure 8.
Power manager I2C communication format
Table 11.
Power manager I2C - address and command phase description
bits
Description
Address phase
1:6
Always 110011b.
7
Slave address.
According to ADDR connection, the device will act if addressed by 0b or 1b.
Default address bit is 0b.
8WRITE bit.
Command phase
1:3
Not applicable, ignored.
4:6
Command code
7, 8
Not applicable, ignored.
COMMAND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56