| データシートサーチシステム |
|
L6924U013 データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6924U013 データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 37 page ![]() Additional applications information L6924U 30/37 Doc ID 14716 Rev 2 The VOSNS pin can be used as a remote sense; it should be therefore connected as closely as possible to the battery. The demonstration board layout and schematic are shown in Figure 23 , Figure 24 and Figure 25. Figure 22. Thermal image of the demonstration board Figure 23. Demonstration board layout, top side Figure 24. Demonstration board layout, bottom side |