| データシートサーチシステム |
|
IRF6711STRPBF データシート(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF6711STRPBF データシート(HTML) 8 Page - International Rectifier |
|
8 / 9 page ![]() IRF6711SPbF 8 www.irf.com DirectFET Part Marking Note: For the most current drawing please refer to IR website at http://www.irf.com/package GATE MARKING PART NUMBER LOGO BATCH NUMBER DATE CODE Line above the last character of the date code indicates "Lead-Free" DirectFET Outline Dimension, SQ Outline (Small Size Can, Q-Designation). Please see DirectFET application note AN-1035 for all details regarding the assembly of DirectFET. This includes all recommendations for stencil and substrate designs. CODE A B C D E F G H K L M R P IMPERIAL MIN 4.75 3.70 2.75 0.35 0.48 0.78 0.88 0.78 0.93 2.00 0.616 0.020 0.08 MAX 4.85 3.95 2.85 0.45 0.52 0.82 0.92 0.82 0.97 2.10 0.676 0.080 0.17 MIN 0.187 0.146 0.108 0.014 0.019 0.031 0.035 0.031 0.037 0.079 0.0235 0.0008 0.003 METRIC DIMENSIONS MAX 0.191 0.156 0.112 0.018 0.020 0.032 0.036 0.032 0.038 0.083 0.0274 0.0031 0.007 |