データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HP283R3SWES データシート(PDF) 11 Page - International Rectifier

部品番号 HP283R3SWES
部品情報  HYBRID - HIGH RELIABILITY DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

HP283R3SWES データシート(HTML) 11 Page - International Rectifier

Back Button HP283R3SWES Datasheet HTML 4Page - International Rectifier HP283R3SWES Datasheet HTML 5Page - International Rectifier HP283R3SWES Datasheet HTML 6Page - International Rectifier HP283R3SWES Datasheet HTML 7Page - International Rectifier HP283R3SWES Datasheet HTML 8Page - International Rectifier HP283R3SWES Datasheet HTML 9Page - International Rectifier HP283R3SWES Datasheet HTML 10Page - International Rectifier HP283R3SWES Datasheet HTML 11Page - International Rectifier HP283R3SWES Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.irf.com
11
AHP270XXS Series
Pin Designation
Pin #
Designation
1
+ Input
2
Input Return
3
Case
4
Enable 1
5
Sync Output
6
Sync Input
7
+ Output
8
Output Return
9
Sense Return
10
+ Sense
11
Share
12
Enable 2
Standardized Military Drawing
Vendor Cage
Vendor Similar
Pin
Code
Pin
5962-0623101
52467
AHP27025S
Standard Microcircuit Drawing Equivalence Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12