データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HL01U データシート(PDF) 4 Page - C&D Technologies

部品番号 HL01U
部品情報  1 WATT UNREGULATED DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CANDD [C&D Technologies]
ホームページ  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HL01U データシート(HTML) 4 Page - C&D Technologies

  HL01U Datasheet HTML 1Page - C&D Technologies HL01U Datasheet HTML 2Page - C&D Technologies HL01U Datasheet HTML 3Page - C&D Technologies HL01U Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HL01UrevD,10/97
Page 4
TYPICAL PERFORMANCE CURVES
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
VOUT VS LOAD
(5Vout Models)
VOUT VS LOAD
(±5Vout Models)
VOUT VS LOAD
(12Vout Models)
VOUT VS LOAD
(±12Vout Models)
VOUT VS LOAD
(15Vout Models)
VOUT VS LOAD
(±15Vout Models)
EFFICIENCY VS LOAD
0
50
100
150
200
5.3
5.6
5.9
6.2
4.7
5.0
020
40
60
80
12.0
12.4
12.8
13.2
13.6
14.0
0
25
50
75
100
4.8
5.1
5.4
5.7
6.0
6.3
010
20
30
40
11.8
12.0
12.2
12.4
12.6
12.8
14.6
14.9
15.2
15.5
15.8
16.1
020
40
60
80
0
10
20
30
40
14.8
15.0
15.2
15.4
15.6
15.8
0
25
50
75
100
0.0
0.2
0.4
0.6
0.8
1.0
Load (mA)
Load (mA)
Load (mA)
Load (mA)
Load (mA)
Load (mA)
Load (mA)
SAFE OPERATING AREA
SAFE OPERATING AREA
Rise Time of Input Voltage (mS)
LOAD CAPACITANCE vs INPUT RISE TIME
(5 Vout models)
0
5
10
15
20
25
30
35
40
45
50
600
500
400
300
200
100
0
SAFE OPERATING AREA
Rise Time of Input Voltage (mS)
LOAD CAPACITANCE vs INPUT RISE TIME
(12 Vout models)
0
5
10
15
20
25
30
35
40
45
50
90
80
70
60
50
40
30
20
10
0
SAFE OPERATING AREA
Rise Time of Input Voltage (mS)
LOAD CAPACITANCE vs INPUT RISE TIME
(15 Vout models)
0
5
10
15
20
25
30
35
40
45
50
60
50
40
30
20
10
0
NOTES:
1.) When operated within the SAFE OPERATING AREA as defined
by the above curves, the output voltage of HL01U devices is
guaranteed to be within 95% of its steady-state value within 100
milliseconds after the input voltage has reached 95% of its steady-
state value.
2.) For dual output models, total load capacitance is the sum of the
capacitances on the plus and minus outputs.



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com