データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LS379 データシート(PDF) 5 Page - Motorola, Inc

部品番号 74LS379
部品情報  OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS379 データシート(HTML) 5 Page - Motorola, Inc

  74LS379 Datasheet HTML 1Page - Motorola, Inc 74LS379 Datasheet HTML 2Page - Motorola, Inc 74LS379 Datasheet HTML 3Page - Motorola, Inc 74LS379 Datasheet HTML 4Page - Motorola, Inc 74LS379 Datasheet HTML 5Page - Motorola, Inc 74LS379 Datasheet HTML 6Page - Motorola, Inc 74LS379 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5-537
FAST AND LS TTL DATA
SN54/74LS377
• SN54/74LS378 • SN54/74LS379
TRUTH TABLE
E
CP
Dn
Qn
Qn
H
X
No
Change
No
Change
L
H
H
L
L
L
L
H
L = LOW Voltage Level
H = HIGH Voltage Level
X = Immaterial
AC WAVEFORMS
SN54 / 74LS377
SN54 / 74LS378
SN54 / 74LS379
1.3 V
*The shaded areas indicate when the input is permitted to change for predictable output performance.
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1/fmax
tW
ts(H)
th(H)
ts(L)
th(L)
CP
tPLH
tPHL
E, D
Q
*
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1/fmax
tW
ts(H)
th(H)
ts(L)
th(L)
CP
tPHL
tPLH
D OR E
Q
*
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1/fmax
tW
ts(H)
th(H)
ts(L)
th(L)
CP
tPHL
tPLH
E, D
Q
*
Figure 1. Clock to Output Delays Clock Pulse
Width, Frequency, Setup and Hold Times Data
or Enable to Clock
Figure 2. Clock to Output Delays Clock Pulse
Width, Frequency, Setup and Hold Times Data
or Enable to Clock
Figure 3. Clock to Output Delays Clock Pulse
Width, Frequency, Setup and Hold Times Data,
Enable to Clock



Html Pages

1 2 3 4 5 6 7