データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RCM3365 データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 RCM3365
部品情報  C-Programmable Core Module with NAND Flash Mass Storage and Ethernet
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

RCM3365 データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RCM3365 Datasheet HTML 3Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 4Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 5Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 6Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 7Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 8Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 9Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 10Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 165 page
background image
User’s Manual
1
1. INTRODUCTION
The RCM3365 and RCM3375 RabbitCore modules feature a
compact module that incorporates the latest revision of the power-
ful Rabbit® 3000 microprocessor, flash memory, mass storage
(NAND flash), static RAM, and digital I/O ports. The RCM3365
and RCM3375 present a new form of embedded flexibility with
removable (“hot-swappable”) memory cards. The RCM3365 and
RCM3375 both have an integrated 10/100Base-T Ethernet port,
and provide for LAN and Internet-enabled systems to be built as
easily as serial-communication systems.
In addition to the features already mentioned above, the RCM3365 and RCM3375 have
two clocks (main oscillator and real-time clock), reset circuitry, and the circuitry necessary
for management of battery backup of the Rabbit 3000’s internal real-time clock and the
static RAM. Two 34-pin headers bring out the Rabbit 3000 I/O bus lines, parallel ports,
and serial ports.
The RCM3365/RCM3375’s mass-storage capabilities make them suited to running the
optional Dynamic C FAT file system module where data are stored and handled using the
same directory file structure commonly used on PCs. A removable xD-Picture Card can
be hot-swapped to transfer data quickly and easily using a standardized file system that
can be read away from the RCM3365/RCM3375 installation.
The RCM3365 or RCM3375 receives +3.3 V power from the customer-supplied mother-
board on which it is mounted. The RCM3365 and RCM3375 can interface with all kinds
of CMOS-compatible digital devices through the motherboard.
The Development Kit has what you need to design your own microprocessor-based
system: a complete Dynamic C software development system including the Dynamic C
FAT File System module, and a Prototyping Board that allows you to evaluate the
RCM3365 or RCM3375, and to prototype circuits that interface to the RCM3365 or
RCM3375 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More