| データシートサーチシステム |
|
PM8903 データシート(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM8903 データシート(HTML) 7 Page - STMicroelectronics |
|
7 / 34 page ![]() PM8903 Thermal data Doc ID 022748 Rev 1 7/34 3 Thermal data Table 3. Thermal data Symbol Parameter Value Unit RthJA Thermal resistance junction to ambient (Device soldered on standard demonstration board, see Chapter 7 on page 24 for details) 30 °C/W RthJC Thermal resistance junction to case 12 °C/W TMAX Maximum junction temperature 150 °C TSTG Storage temperature range -40 to 150 °C TJ Junction temperature range -25 to 125 °C |