データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRS2113 データシート(PDF) 3 Page - International Rectifier

部品番号 IRS2113
部品情報  HIGH AND LOW SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRS2113 データシート(HTML) 3 Page - International Rectifier

  IRS2113 Datasheet HTML 1Page - International Rectifier IRS2113 Datasheet HTML 2Page - International Rectifier IRS2113 Datasheet HTML 3Page - International Rectifier IRS2113 Datasheet HTML 4Page - International Rectifier IRS2113 Datasheet HTML 5Page - International Rectifier IRS2113 Datasheet HTML 6Page - International Rectifier IRS2113 Datasheet HTML 7Page - International Rectifier IRS2113 Datasheet HTML 8Page - International Rectifier IRS2113 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.irf.com
3
IRS2110(-1,-2,S)PbF/IRS2113(-1,-2,S)PbF
Symbol
Definition
Min. Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
—
130
160
VS = 0 V
toff
Turn-off propagation delay
—
120
150
tsd
Shutdown propagation delay
—
130
160
tr
Turn-on rise time
—
25
35
tf
Turn-off fall time
—
17
25
MT
Delay matching, HS & LS
(IRS2110)
—
—
10
turn-on/off
(IRS2113)
—
—
20
ns
Dynamic Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15 V, CL = 1000 pF, TA = 25 °C and VSS = COM unless otherwise specified. The dynamic
electrical characteristics are measured using the test circuit shown in Fig. 3.
Symbol
Definition
Min. Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage
9.5
—
—
VIL
Logic “0” input voltage
—
—
6.0
VOH
High level output voltage, VBIAS - VO
—
—
1.4
IO = 0 A
VOL
Low level output voltage, VO
—
—
0.15
IO = 20 mA
ILK
Offset supply leakage current
—
—
50
VB=VS = 500 V/600 V
IQBS
Quiescent VBS supply current
—
125
230
IQCC
Quiescent VCC supply current
—
180
340
IQDD
Quiescent VDD supply current
—
15
30
IIN+
Logic “1” input bias current
—
20
40
VIN = VDD
IIN-
Logic “0” input bias current
—
—
5.0
VIN = 0 V
VBSUV+
VBS supply undervoltage positive going
7.5
8.6
9.7
threshold
VBSUV-
VBS supply undervoltage negative going
7.0
8.2
9.4
threshold
VCCUV+
VCC supply undervoltage positive going
7.4
8.5
9.6
threshold
VCCUV-
VCC supply undervoltage negative going
7.0
8.2
9.4
threshold
IO+
Output high short circuit pulsed current
2.0
2.5
—
VO = 0 V, VIN = VDD
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
2.0
2.5
—
VO = 15 V, VIN = 0V
PW
≤ 10 µs
Static Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15 V, TA = 25 °C and VSS = COM unless otherwise specified. The VIN, VTH, and IIN parameters
are referenced to VSS and are applicable to all three logic input leads: HIN, LIN, and SD. The VO and IO parameters are
referenced to COM and are applicable to the respective output leads: HO or LO.
V
µA
V
A
VS = 500 V/600 V
VIN = 0 V or VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com