| データシートサーチシステム |
|
VKA100MS15 データシート(PDF) 3 Page - C&D Technologies |
|
|
|||||||||||||||||||||||||||||
VKA100MS15 データシート(HTML) 3 Page - C&D Technologies |
|
3 / 4 page ![]() 3 Product: www.cdpowerelectronics.com VKA100xs Rev C 3/2001 VKA100 xSzz - Device Family Indicates 100 Watt Regulated Unit Model Number Selected from Table of Electrical Characteristics Where: x = Input Voltage (L = 24VDC; M = 48VDC) zz = Output Voltage (03=3.3V, 05=5V, etc.) Lead Length 0.200" - No Number 0.145" - (6) 0.110" - (8) Remote On-Off Logic: Positive - No Number Negative - (1) |