データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3410 データシート(PDF) 50 Page - ams AG

部品番号 AS3410
部品情報  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3410 データシート(HTML) 50 Page - ams AG

Back Button AS3410 Datasheet HTML 43Page - ams AG AS3410 Datasheet HTML 44Page - ams AG AS3410 Datasheet HTML 45Page - ams AG AS3410 Datasheet HTML 46Page - ams AG AS3410 Datasheet HTML 47Page - ams AG AS3410 Datasheet HTML 48Page - ams AG AS3410 Datasheet HTML 49Page - ams AG AS3410 Datasheet HTML 50Page - ams AG AS3410 Datasheet HTML 51Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
50 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - O r d e r i n g I n f o r m a t i o n
12 Ordering Information
The devices are available as the standard products shown in Table 39.
Note: All products are RoHS compliant and austriamicrosystems green.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 39. Ordering Information
Ordering Code
Description
Delivery Form
Package
AS3400-EQFP
Low Power Ambient Noise-Cancelling Speaker Driver
Tape & Reel
dry pack
QFN 24 [4.0x4.0x0.85mm] 0.5mm
pitch
AS3410-EQFP
Low Power Ambient Noise-Cancelling Speaker Driver
Tape & Reel
dry pack
QFN 24 [4.0x4.0x0.85mm] 0.5mm
pitch
AS3430-EQFP
Low Power Ambient Noise-Cancelling Speaker Driver
Tape & Reel
dry pack
QFN 32 [5.0x5.0x0.85mm] 0.5mm
pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51