| データシートサーチシステム |
|
AS3430 データシート(PDF) 50 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3430 データシート(HTML) 50 Page - ams AG |
|
50 / 51 page ![]() www.austriamicrosystems.com Revision 1.02 50 - 51 AS3400 AS3410 AS3430 1v0 Data Sheet - O r d e r i n g I n f o r m a t i o n 12 Ordering Information The devices are available as the standard products shown in Table 39. Note: All products are RoHS compliant and austriamicrosystems green. Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect For further information and requests, please contact us mailto:sales@austriamicrosystems.com or find your local distributor at http://www.austriamicrosystems.com/distributor Table 39. Ordering Information Ordering Code Description Delivery Form Package AS3400-EQFP Low Power Ambient Noise-Cancelling Speaker Driver Tape & Reel dry pack QFN 24 [4.0x4.0x0.85mm] 0.5mm pitch AS3410-EQFP Low Power Ambient Noise-Cancelling Speaker Driver Tape & Reel dry pack QFN 24 [4.0x4.0x0.85mm] 0.5mm pitch AS3430-EQFP Low Power Ambient Noise-Cancelling Speaker Driver Tape & Reel dry pack QFN 32 [5.0x5.0x0.85mm] 0.5mm pitch |