データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PVT212SPBF データシート(PDF) 4 Page - International Rectifier

部品番号 PVT212SPBF
部品情報  HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-150V, 550mA AC / 825mA DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

PVT212SPBF データシート(HTML) 4 Page - International Rectifier

  PVT212SPBF Datasheet HTML 1Page - International Rectifier PVT212SPBF Datasheet HTML 2Page - International Rectifier PVT212SPBF Datasheet HTML 3Page - International Rectifier PVT212SPBF Datasheet HTML 4Page - International Rectifier PVT212SPBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series PVT212PbF
www.irf.com
4
Figure 6. Typical Delay Times
(5mS Pulse Width, 100V/50mA Load)
Figure 8. Typical Output Capacitance
Figure 5. Input Characteristics (Current Controlled)
0
0.5
1.0
1.5
2.0
LED Forward Voltage Drop (Volts DC)
ID
10%
tdly
ton
toff
ILED
90%
Figure 7. Delay Time Definitions
0.1
1.0
10.0
0
5
10
15
Ton
Tdly
Toff
“A” Connection
0
100
200
300
400
500
600
700
800
0
10
20
30
40
50
60
70
80
90
100
VDD Drain to Drain V oltage
“A” Connection



Html Pages

1 2 3 4 5