データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSTCE8M00G52-R0 データシート(PDF) 2 Page - Murata Manufacturing Co., Ltd.

部品番号 CSTCE8M00G52-R0
部品情報  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE8M00G52-R0 データシート(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CSTCE8M00G52-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Introduction
Ceramic resonators (CERALOCK®) are made of high
stability piezoelectric ceramics that function as a
mechanical resonator.
This device has been developed to function as a
reference signal generator and the frequency is
primarily adjusted by the size and thickness of the
ceramic element.
With the advance of the IC technology, various
equipment may be controlled by a single LSI integrated
circuit, such as the one-chip microprocessor.
CERALOCK® can be used as the timing element in most
microprocessor based equipment.
In the future, more and more applications will use
CERALOCK® because of its high stability non-
adjustment performance, miniature size and cost
savings. Typical applications include TVs, VCRs,
automotive electronic devices, telephones, copiers,
cameras, voice synthesizers, communication equipment,
remote controls and toys.
This manual describes CERALOCK® and will assist you
in applying it effectively.
* CERALOCK® is the brand name of these MURATA
products.
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32