データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-8205NHD データシート(PDF) 1 Page - Sanken electric

部品番号 SI-8205NHD
部品情報  Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8205NHD データシート(HTML) 1 Page - Sanken electric

  SI-8205NHD Datasheet HTML 1Page - Sanken electric SI-8205NHD Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22
ICs
1-1-3 DC/DC Converter ICs
Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8205NHD
Unit
V
W
°C
°C
°C/W
°C/W
Ratings
46
1.35
–40 to +150
–40 to +150
40
74
Symbol
VIN
PD
Tj
Tstg
θj-c
θj-a
Parameter
Unit
V
mV/°C
%
kHz
MHz
mV
mV
A
mA
µA
µA
V
V
V
°C
V/V
µA/V
A/V
%
nsec
Symbol
Vref
∆VREF/∆T
η
fo1
fo2
∆VoLINE
∆VoLOAD
Is
IIN
IIN(OFF)
IEN/SS
VSSH
VC/EH
Vovp
Tj
AEA
GEA
GCS
DMAX
DMIN
Ratings
min.
typ.
max.
0.495
0.500
0.505
±0.05
90
200
1
50
50
3.1
6.0
8
40
5
3.0
4.5
6.0
0.6
1.3
2.0
0.57
0.60
0.63
151
160
800
800
3.33
80
90
150
Conditions
VIN=12V, Io=1.0A
VIN=12V, Io=1.0A, Ta=–40 to +85°C
VIN=12V, Vo=5V, Io=1.0A
VIN=12V, Vo=5V, Io=1A, Rfset=375kΩ
VIN=12V, Vo=5V, Io=1A, Rfset=75kΩ
VIN=8 to 43V, Vo to 5V, Io=1A
VIN=12V, Vo=5V, Io=0.1 to 3.0A
VIN=12V, Vo=5V
VIN=12V, Vcomp=0V
VIN=12V, VEN/ss=0V
VEN/SS=0V, VIN=12V
VIN=12V
VIN=12V
VIN=12V
VIN=12V
Parameter
Conditions
Unit
V
A
V
°C
°C
Ratings
8 or Vo+3 to 43
0
to 3.0
0.5
to 24
–40 to +125
–40 to +85
Symbol
VIN
Io
Vo
Tjop
Top
Parameter
■Absolute Maximum Ratings
■Electrical Characteristics
■Features
Compact surface-mount (HSOP8) package
Wide input voltage range (VIN): Vo + 3 to 43 V
Synchronous rectifier mode
Output current: 3 A
Reference voltage and accuracy of 0.5 V ±1%
Oscillation frequency: 200 kHz to 1 MHz
A ceramic capacitor can be used for output
Output can be disabled
Undervoltage Lock Out
Soft start function
■Applications
Power supply for LCD module
Power supply for notebook PC
Onboard local power supplies
Power supply for LBP/PPC
(Ta = 25°C and fo = 500kHz, unless otherwise specified)
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
■Recommended Operating Conditions
Input Voltage (VIN Pin)
Power Dissipation
Junction Temperature
Storage Temperature
Thermal Resistance (Junction to Lead <1 pin>)
Thermal Resistance (Junction to Ambient Air)
When mounted on a 30 × 30 mm glass-epoxy board (with a 25 × 25 mm copper area)
When mounted on a 30 × 30 mm glass-epoxy board (with a 25 × 25 mm copper area)
Input Voltage Range
Output Current Range
Output Voltage Range
Operating Junction Temperature Range
Operating Temperature Range
Reference Voltage
Temperature Coefficient of Reference Voltage
Efficiency
Oscillation Frequency 1
Oscillation Frequency 2
Line Regulation
Load Regulation
Overcurrent Protection Starting Current
Quiescent Circuit Current
Outflow Current at Low Voltage
EN/SS Pin
Open Voltage
On Threshold Voltage
OVP Start Voltage
Thermal Protection Start Temperature
Error Amplifier Voltage Gain
Error Amplifier Transformer Conductance
Current Sense Amplifier Impedance
Maximum ON Duty
Minimum ON Time
*: The minimum value of the input voltage range is 8 V or Vo + 3V, whichever is higher.


同様の部品番号 - SI-8205NHD

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8205NHD SANKEN-SI-8205NHD Datasheet
58Kb / 2P
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode Regulator ICs
SI-8205NHD SANKEN-SI-8205NHD_11 Datasheet
81Kb / 2P
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode Regulator ICs
More results

同様の説明 - SI-8205NHD

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SI-8405NH ALLEGRO-SI-8405NH Datasheet
429Kb / 2P
Surface-Mount, Synchronous Rectifier Step-down Switching Mode Regulator Control ICs
logo
Sanken electric
SI-8405NL SANKEN-SI-8405NL Datasheet
433Kb / 2P
Surface-Mount Synchronous Rectifier Step-down Switching Mode Regulator Control ICs
SI-8205NHD SANKEN-SI-8205NHD Datasheet
58Kb / 2P
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode Regulator ICs
SI-8205NHD SANKEN-SI-8205NHD_11 Datasheet
81Kb / 2P
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode Regulator ICs
SI-8511NVS SANKEN-SI-8511NVS_11 Datasheet
80Kb / 2P
Surface-Mount, Synchronous Rectifier Step-down Switching Mode Control ICs
NR885K SANKEN-NR885K Datasheet
61Kb / 2P
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
NR887D SANKEN-NR887D Datasheet
58Kb / 2P
Current Mode Control, Synchronous Rectifier Step-down Switching Mode
SI-8511NVS SANKEN-SI-8511NVS Datasheet
62Kb / 2P
Surface-Mount, Synchronous Rectifier Step-down Switching Mode Control ICs
NR885K SANKEN-NR885K Datasheet
61Kb / 2P
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
SI-8005Q SANKEN-SI-8005Q Datasheet
526Kb / 2P
Surface Mount, Current Mode Control Step-down Switching Mode
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com