データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSC2 データシート(PDF) 5 Page - C&K Components

部品番号 KSC2
部品情報  KSC Series Sealed Tact Switch for SMT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC2 データシート(HTML) 5 Page - C&K Components

  KSC2 Datasheet HTML 1Page - C&K Components KSC2 Datasheet HTML 2Page - C&K Components KSC2 Datasheet HTML 3Page - C&K Components KSC2 Datasheet HTML 4Page - C&K Components KSC2 Datasheet HTML 5Page - C&K Components KSC2 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
B–27
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
KSC Series
Sealed Tact Switch for SMT
B
23 july 12
FOR KSC4 FOR G TERMINATION
B
B
5,6
(.220)
6,7±0,1
(.264±.004)
12±0,1
(.472±.004)
2±0,05
(.079±.002)
4±0,1
(.157±.004)
ø1,5+0,1/-0,0
(.059+.004/-.000)
ø1,5+0,2/-0,0
(.059+.008/-.000)
0,4±0,03
(.016±.001)
2˚0'
R 1,15
(.045)
2,05
(.081)
0,15±0,02
(.006±.001)
2±0,05
(.079±.002)
FOR KSC4 FOR J TERMINATION
B
B
5,6
(.220)
6,7±0,1
(.264±.004)
12±0,1
(.472±.004)
2±0,05
(.079±.002)
4±0,1
(.157±.004)
ø1,5+0,1/-0,0
(.059+.004/-.000)
ø1,5+0,2/-0,0
(.059+.008/-.000)
0,4±0,03
(.016±.001)
2˚0'
R 1,15
(.045)
2,05
(.081)
0,15±0,02
(.006±.001)
2±0,05
(.079±.002)
B
B
A
A
12,0
(.472)
6,4
(.252)
3,0
(.118)
4,0
(.157)
ø1,5+0,1/-0,0
(.059+.004/-.000)
ø2+0,1/-0,0
(.079+.004/-.000)
20,05
(.079.002)
7,7+0,1/-0,0
(.303.004/-.000)
2,5
(.098)
1,7
(.067)
15˚
0,40,03
(.016.001)
4˚
15˚
0,1
20,05
(.079.002)
FOR KSC6 G & J TERMINATION
Direction of feed
Direction of feed
Direction of feed
TAPE & REEL



Html Pages

1 2 3 4 5 6