| データシートサーチシステム |
|
ACPL-M60L データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-M60L データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 11 page ![]() 2 Schematic ACPL-M60L SHIELD 6 5 4 1 3 USE OF A 0.1 µF BYPASS CAPACITOR MUST BE CONNECTED BETWEEN PINS 6 AND 4 (SEE NOTE 1). IF ICC VCC VO GND IO + – TRUTH TABLE (POSITIVE LOGIC) LED ON OFF OUTPUT L H Ordering Information ACPL-xxxx is UL Recognized with 3750 Vrms for 1 minute per UL1577 and is approved under CSA Component Ac- ceptance Notice #5, File CA 88324. Option RoHS Part Number Compliant Package Surface Mount Tape & Reel IEC/EN/DIN EN 60747-5-2 Quantity ACPL-M60L -000E SO-5 X 100 per tube -500E X X 1500 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Combination of Option 020 and Option 060 is not available. Example 1: ACPL-M60L-500E to order product of Surface Mount SO-5 in Tape and Reel packaging with RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. |