データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCF6000D データシート(PDF) 1 Page - Motorola, Inc

部品番号 TCF6000D
部品情報  PERIPHERAL CLAMPING ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TCF6000D データシート(HTML) 1 Page - Motorola, Inc

  TCF6000D Datasheet HTML 1Page - Motorola, Inc TCF6000D Datasheet HTML 2Page - Motorola, Inc TCF6000D Datasheet HTML 3Page - Motorola, Inc TCF6000D Datasheet HTML 4Page - Motorola, Inc TCF6000D Datasheet HTML 5Page - Motorola, Inc TCF6000D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Device
Operating
Temperature Range
Package
TCF6000
SEMICONDUCTOR
TECHNICAL DATA
PERIPHERAL CLAMPING
ARRAY
ORDERING INFORMATION
TCF6000D
TCF6000
TA = – 40° to +85°C
SO–8
Plastic DIP
PIN CONNECTIONS
Order this document by TCF6000/D
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
8
1
VCC
Clamp
Clamp
Clamp
Gnd
Clamp
Clamp
Clamp
1
2
3
45
6
7
8
NO SUFFIX
PLASTIC PACKAGE
CASE 626
1
MOTOROLA ANALOG IC DEVICE DATA
Peripheral Clamping Array
The TCF6000 was designed to protect input/output lines of
microprocessor systems against voltage transients.
• Optimized for HMOS System
• Minimal Component Count
• Low Board Space Requirement
• No P.C.B. Track Crossovers Required
• Applications Areas Include Automotive, Industrial,
Telecommunications and Consumer Goods
Figure 1. Representative Block Diagram and
Simplified Application
VDD
Micro
Computer
Cin
Gnd
Digital
Inputs
Analog
Inputs
Rin
Gnd
Pin
VRef
VCC
VRef
Generator
Gnd
Each Cell
© Motorola, Inc. 1996
Rev 0


同様の部品番号 - TCF6000D

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
TCF60 COOPER-TCF60 Datasheet
269Kb / 2P
Low-Peak CUBEFuse With and Without Indication
logo
Eaton All Rights Reserv...
TCF60 EATON-TCF60 Datasheet
1Mb / 6P
UL Class CF branch circuit time-delay CUBEFuse
logo
Cooper Bussmann, Inc.
TCF60RN COOPER-TCF60RN Datasheet
269Kb / 2P
Low-Peak CUBEFuse With and Without Indication
logo
Eaton All Rights Reserv...
TCF60RN EATON-TCF60RN Datasheet
1Mb / 6P
UL Class CF branch circuit time-delay CUBEFuse
More results

同様の説明 - TCF6000D

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
ESD0564T6 LEIDITECH-ESD0564T6 Datasheet
714Kb / 3P
LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESD0565T6 LEIDITECH-ESD0565T6 Datasheet
677Kb / 3P
LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESD3364T6 LEIDITECH-ESD3364T6 Datasheet
802Kb / 3P
LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESD3365T6 LEIDITECH-ESD3365T6 Datasheet
756Kb / 3P
LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESD1521C LEIDITECH-ESD1521C Datasheet
1Mb / 7P
LOW CLAMPING & CAPACITANCE TVS DIODE ARRAY
ESD1821C LEIDITECH-ESD1821C Datasheet
1Mb / 7P
LOW CLAMPING & CAPACITANCE TVS DIODE ARRAY
ESD2421C LEIDITECH-ESD2421C Datasheet
1Mb / 7P
LOW CLAMPING & CAPACITANCE TVS DIODE ARRAY
ESD2521C LEIDITECH-ESD2521C Datasheet
1Mb / 7P
LOW CLAMPING & CAPACITANCE TVS DIODE ARRAY
ESDA05C-4 LEIDITECH-ESDA05C-4 Datasheet
1Mb / 7P
LOW CLAMPING VOLTAGE TVS DIODE ARRAY
SDC12DT3 LEIDITECH-SDC12DT3 Datasheet
325Kb / 3P
LOW CLAMPING VOLTAGE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com