データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5171BRJZ50-R7 データシート(PDF) 15 Page - Analog Devices

部品番号 AD5171BRJZ50-R7
部品情報  64-Position OTP Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5171BRJZ50-R7 データシート(HTML) 15 Page - Analog Devices

Back Button AD5171BRJZ50-R7 Datasheet HTML 11Page - Analog Devices AD5171BRJZ50-R7 Datasheet HTML 12Page - Analog Devices AD5171BRJZ50-R7 Datasheet HTML 13Page - Analog Devices AD5171BRJZ50-R7 Datasheet HTML 14Page - Analog Devices AD5171BRJZ50-R7 Datasheet HTML 15Page - Analog Devices AD5171BRJZ50-R7 Datasheet HTML 16Page - Analog Devices AD5171BRJZ50-R7 Datasheet HTML 17Page - Analog Devices AD5171BRJZ50-R7 Datasheet HTML 18Page - Analog Devices AD5171BRJZ50-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD5171
Rev. D | Page 15 of 24
TERMINAL VOLTAGE OPERATING RANGE
POWER-UP/POWER-DOWN SEQUENCES
There are also ESD protection diodes between VDD and the
RDAC terminals; therefore, the VDD of the AD5171 defines their
voltage boundary conditions (see Figure 31). Supply signals
present on Terminal A, Terminal B, and Terminal W that
exceed VDD are clamped by the internal forward-biased diodes
and should be avoided.
Similarly, because of the ESD protection diodes, it is important
to power VDD first before applying any voltages to Terminal A,
Terminal B, and Terminal W. Otherwise, the diode is forward-
biased such that VDD is powered unintentionally and can affect
the remainder of the users’ circuits. The ideal power-up sequence is
the following order: GND, VDD, digital inputs, and VA/VB/VW.
The order of powering VA, VB, VW, and the digital inputs is not
important as long as they are powered after VDD. Similarly, VDD
should be powered down last.
GND
A
W
B
VDD
Figure 31. Maximum Terminal Voltages Set by VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24