| データシートサーチシステム |
|
ML7005 データシート(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML7005 データシート(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 26 page ![]() FEDL7005-01 ML7005 21/25 Adjusting the Analog Output Level Adjust the analog output level according to the method shown in the figure 11. RI/RH 1.6 is always required when VDD 4.5 V. In the case of RI/RH > 1, if RI/RH = A, the maximum analog output load resistance is 20*A (k). If VDD is less than 4.5 V, RI/RH 1 is required. Concurrent Operation of 4 Functions The DTMF signal generator, DTMF signal detector, call progress tone generator, and call progress tone detector can operate concurrently. When both the DTMF signal generator and call progress tone generator operate concurrently, the DTMF signal sometimes cannot be detected if the receive level of the DTMF signal is less than -36 dBm. |