| データシートサーチシステム |
|
PD70F3555 データシート(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD70F3555 データシート(HTML) 8 Page - Renesas Technology Corp |
|
8 / 10 page ![]() CubeSuite+ Simulator for V850E2 supporting OS Timer V3.02.00 Release Note R20UT2916EJ0100 Rev.1.00 Page 8 of 9 February 17, 2014 4.3 Cautions for Prism of Critical Blue 4.3.1 Cooperation of CubeSuite+simulator and Prism The PEP which is included on the Prism package generates Prism information files (PGTS file and PGTI file) from LM file. On the next step, prepare smplus_prism.ini which contains PGTS file and PGT file information. CubeSuite+simulator will generate the Prism trace file based on smplus_prism.ini description by executing a LM file. An analysis by the Prism is available on the above process. 4.3.2 Supported compiler Only GHS compiler is supported. To analyze on Prism, please specify “-G –dual_debug” options for compiler. 4.3.3 Supported device Only uPD70F3510 and 3512 are supported. 4.3.4 About .ini file When the smplus_prism.ini exists in the same folder as CubeSuite+ project file or project subfolder, and description of the file is correct, the CubeSuite+simulator will generate a trace file for the Prism. If there are plural smplus_prism.ini files, the simulator reads the file from the most upper level sub folder. Please write PGT file and PGTS file informations in the smplus_prism.ini. A maximum file name length is 255 characters including path. The smplus_prism.ini has to have full path information of files even if the files are on the project folder. In case of tracing program which uses RI850V4, smplus_prism.ini has to contain an address information for “ __kernel_trace_data”. The following is an example of smplus_prism.ini. |